Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
908E624
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RATINGS
Package Operating Ambient Temperature (4)
MM908E624ACDWB and MM908E624ACEW
MM908E624AYEW
TA
-40 to 85
-40 to 125
°C
Operating Junction Temperature (2)(4)
MM908E624ACDWB and MM908E624ACEW
MM908E624AYEW
TJ
-40 to 125
-40 to 125
°C
Storage Temperature
TSTG
-40 to 150
°C
Peak Package Reflow Temperature During Reflow(3)(5)
TPPRT
Note 5
°C
Notes
2.
The temperature of analog and MCU die is strongly linked via the package, but can differ in dynamic load conditions, usually because
of higher power dissipation of the analog die. The analog die junction temperature must not exceed 150°C under these conditions.
3.
Terminal soldering temperature is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Independent of TA, device parametrics are only guaranteed for -40 < TJ < 125°C. Please see note 2. TJ is a factor of power dissipation,
package thermal resistance, and available heat sinking.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding limits on any terminal may cause permanent
damage to the device.
Rating
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com