Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
908E624
PACKAGING
PACKAGING DIMENSIONS
PACKAGING
PACKAGING DIMENSIONS
Important
For the most current revision of the package, visit www.freescale.com and do a keyword search on the 98A
drawing number below.
CASE 1365-01
ISSUE O
DATE 09/19/01
NOTES:
1.
ALL DIMENSIONS ARE IN MILLIMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
3.
DATUMS B AND C TO BE DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT THE
PLASTIC BODY.
4.
THIS DIMENSION DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURRS. MOLD FLASH,
PROTRUSION OR GATE BURRS SHALL NOT EXCEED
0.15 MM PER SIDE. THIS DIMENSION IS DETERMINED
AT THE PLANE WHERE THE BOTTOM OF THE LEADS
EXIT THE PLASTIC BODY.
5.
THIS DIMENSION DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSIONS. INTERLEAD FLASH AND
PROTRUSIONS SHALL NOT EXCEED 0.25 MM PER
SIDE. THIS DIMENSION IS DETERMINED AT THE
PLANE WHERE THEBOTTOMOF THE LEADSEXIT THE
PLASTIC BODY.
6.
THIS DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.46
MM. DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN
PROTRUSION AND ADJACENTLEADSHALLNOTLESS
THAN 0.07 MM.
7.
EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8.
THESE DIMENSIONS APPLY TO THE FLAT SECTION
OF THE LEAD BETWEEN 0.1 MM AND 0.3 MM FROM
THE LEAD TIP.
9.
THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM. THIS DIMENSION IS
DETERMINED AT THE OUTERMOST EXTREMES OF
THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE
BAR BURRS, GATE BURRS AND INTER-LEAD FLASH,
BUT INCLUDING ANY MISMATCH BETWEEN THE TOP
AND BOTTOM OF THE PLASTIC BODY.
CL
17.8
7.4
1
27
28
54
0.10
A
2.35
SEATING
PLANE
0.9
SECTION B-B
0.65
R0.08 MIN
B
A
(0.29)
0.38
0.30
(0.25)
PLATING
BASE METAL
SECTION A-A
ROTATED 90 CLOCKWISE
°
8
0.25
0.22
9
5
0.13 M
C
AB
6
A
C
7.6
18.0
9
4
10.3
5.15
A
54X
52X
2.65
0.3 A
2X 27 TIPS
B C
BB
0.29
0.13
0.5
0°
8°
0°
0.25
GAUGE PLANE
MIN
PIN 1 INDEX
DWB SUFFIX
EW SUFFIX (Pb-FREE)
54-TERMINAL SOIC WIDE BODY
PLASTIC PACKAGE
98ASA99294D
ISSUE O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com