Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
908E624
ELECTRICAL CHARACTERISTICS
MICROCONTROLLER PARAMETRICS
MICROCONTROLLER PARAMETRICS
CURRENT SENSE OPERATIONAL AMPLIFIER
Supply Voltage Rejection Ratio (27)
SVR
60
—
—
dB
Common Mode Rejection Ratio (27)
CMR
70
—
—
dB
Gain Bandwidth (27)
GBP
1.0
—
—
MHz
Slew Rate
SR
0.5
—
—
V/
μs
Phase Margin (for Gain = 1, Load 100 pF/ 5.0 k
Ω (27)
PHMO
40
—
—
°
Open Loop Gain
OLG
—
85
—
dB
Notes
27.
This parameter is guaranteed by process monitoring but it is not production tested.
Table 4. Dynamic Electrical Characteristics (continued)
All characteristics are for the analog chip only. Please refer to the 68HC908EY16 data sheet for characteristics of the
microcontroller chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Table 5. Microcontroller
For a detailed microcontroller description, refer to the MC68HC908EY16 data sheet.
Module
Description
Core
High-Performance HC08 Core with a Maximum Internal Bus Frequency of 8.0 MHz
Timer
Two 16-Bit Timers with 2 Channels (TIM A and TIM B)
Flash
16 K Bytes
RAM
512 Bytes
ADC
10-Bit Analog-to-Digital Converter
SPI
SPI Module
ESCI
Standard Serial Communication Interface (SCI) Module
Bit-Time Measurement
Arbitration
Prescaler with Fine Baud-Rate Adjustment
ICG
Internal Clock Generation Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com