Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
908E624
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
908E624 SPI INTERFACE AND CONFIGURATION
The serial peripheral interface creates the communication
link between the microcontroller and the analog die of the
908E624.
The interface consists of four terminals (see Figure 17):
• SS—Slave Select
• MOSI—Master-Out Slave-In
• MISO—Master-In Slave-Out
• SPSCK—Serial Clock
A complete data transfer via the SPI consists of 1 byte.
The master sends 8 bits of control information and the slave
replies with 8 bits of status data.
Figure 17. SPI Protocol
During the inactive phase of the SS (HIGH), the new data
transfer is prepared.
The falling edge of the SS indicates the start of a new data
transfer and puts the MISO in the low-impedance state and
latches the analog status data (Register read data).
With the rising edge of the SPI clock, SPSCK the data is
moved to MISO/MOSI terminals. With the falling edge of the
SPI clock SPSCK the data is sampled by the Receiver.
The data transfer is only valid if exactly 8 sample clock
edges are present in the active (low) phase of SS.
The rising edge of the slave select SS indicates the end of
the transfer and latches the write data (MOSI) into the
register The SS high forces MISO to the high impedance
state.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Register write data
Register read data
Rising edge of SPSCK
Change MISO/MOSI Output
Falling edge of SPSCK
Sample MISO/MOSI Input
Write data latch
SS
MOSI
MISO
SPSCK
Read data latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com