Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 108 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 108 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 104Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 105Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 106Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 107Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 108Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 109Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 110Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 111Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
Table 6-14. STANDBY Mode Timing Requirements
MIN
NOM
MAX
UNIT
Without input qualifier
12tc(CI)
Pulse duration, external wake-up
tw(WAKE-INT)
cycles
signal
With input qualifier
(2 + QUALSTDBY) * tc(CI)
(1)
(1)
QUALSTDBY is a 6-bit field in the LPMCR0 register.
Table 6-15. STANDBY Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delay time, IDLE instruction
td(IDLE-XCOH)
32tc(SCO)
45tc(SCO)
cycles
executed to XCLKOUT high
Delay time, external wake signal to program execution
resume(1)
Without input qualifier
12tc(CI)
•
Wake-up from Flash
cycles
–
Flash module in active
With input qualifier
12tc(CI) + tw(WAKE-INT)
state
td(WAKE-STBY)
Without input qualifier
1125tc(SCO)
•
Wake-up from Flash
cycles
–
Flash module in sleep
With input qualifier
1125tc(SCO) + tw(WAKE-INT)
state
Without input qualifier
12tc(CI)
•
Wake-up from SARAM
cycles
With input qualifier
12tc(CI) + tw(WAKE-INT)
(1)
This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered
by the wake-up) signal involves additional latency.
108
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com