Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 110 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 110 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 106Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 107Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 108Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 109Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 110Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 111Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 112Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 113Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 170 page
background image
t
d(IDLE-XCOH)
32 SYSCLKOUT Cycles
X1/XCLKIN
XCLKOUT
(H)
Wake-up Latency
Flushing Pipeline
t
d(wake)
A
B
C
D
Device
Status
E
G
F
PLL Lock-up Time
XNMI
Normal
Execution
HALT
HALT
t
w(WAKE-XNMI)
t
p
Oscillator Start-up Time
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
Table 6-16. HALT Mode Timing Requirements
MIN
NOM
MAX
UNIT
tw(WAKE-XNMI)
Pulse duration, XNMI wakeup signal
2tc(CI)
cycles
tw(WAKE-XRS)
Pulse duration, XRS wakeup signal
8tc(CI)
cycles
Table 6-17. HALT Mode Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
td(IDLE-XCOH)
Delay time, IDLE instruction executed to XCLKOUT high
32tc(SCO)
45tc(SCO)
cycles
tp
PLL lock-up time
131072tc(CI)
cycles
Delay time, PLL lock to program execution resume
•
Wake up from flash
1125tc(SCO)
cycles
td(WAKE)
–
Flash module in sleep state
35tc(SCO)
cycles
•
Wake up from SARAM
A.
IDLE instruction is executed to put the device into HALT mode.
B.
The PLL block responds to the HALT signal. SYSCLKOUT is held for another 32 cycles before the oscillator is turned
off and the CLKIN to the core is stopped. This 32-cycle delay enables the CPU pipe and any other pending
operations to flush properly.
C.
Clocks to the peripherals are turned off and the internal oscillator and PLL are shut down. The device is now in HALT
mode and consumes absolute minimum power.
D.
When XNMI is driven active, the oscillator is turned on; but the PLL is not activated. The pulse duration of 2tc(CI) is
applicable when an external oscillator is used. If the internal oscillator is used, the oscillator wake-up time should be
added to this parameter.
E.
When XNMI is deactivated, it initiates the PLL lock sequence, which takes 131,072 X1/XCLKIN cycles.
F.
When CLKIN to the core is enabled, the device will respond to the interrupt (if enabled), after a latency. The HALT
mode is now exited.
G.
Normal operation resumes.
H.
XCLKOUT = SYSCLKOUT
Figure 6-17. HALT Wakeup Using XNMI
110
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com