Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 113 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 109Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 110Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 111Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 112Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 113Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 114Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 115Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 116Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 170 page
background image
PWM
(C)
TxCTRIP
CxTRIP
PDPINTx
,
,
(B)
XCLKOUT
(A)
t
, t
, t
w(PDP)
w(CxTRIP)
w(TxCTRIP)
t
, t
d(PDP-PWM)HZ
d(TRIP-PWM)HZ
XNMI,
XINT1, XINT2
t
w(INT)
t
d(INT)
A0-A15
Interrupt Vector
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.17.2 Interrupt Timing
Table 6-22. Interrupt Switching Characteristics
PARAMETER
MIN
MAX
UNIT
Without input qualifier
12
Delay time, PDPINTx low to PWM
td(PDP-PWM)HZ
ns
high-impedance state
With input qualifier
1tc(SCO) + IQT + 12
(1)
Without input qualifier
3 * tc(SCO)
Delay time, CxTRIP/TxCTRIP signals low to
td(TRIP-PWM)HZ
ns
PWM high-impedance state
With input qualifier
2tc(SCO) + IQT
(1)
td(INT)
Delay time, INT low/high to interrupt-vector fetch
IQT + 12tc(SCO)
(1)
ns
(1)
Input Qualification Time (IQT) = [tc(SCO) × 2 × QUALPRD] × 5 + [tc(SCO) × 2 × QUALPRD].
Table 6-23. Interrupt Timing Requirements
MIN
MAX
UNIT
With no qualifier
2tc(SCO)
tw(INT)
Pulse duration, INT input low/high
cycles
With qualifier
1tc(SCO) + IQT
(1)
With no qualifier
2tc(SCO)
tw(PDP)
Pulse duration, PDPINTx input low
cycles
With qualifier
1tc(SCO) + IQT
(1)
With no qualifier
2tc(SCO)
tw(CxTRIP)
Pulse duration, CxTRIP input low
cycles
With qualifier
1tc(SCO) + IQT
(1)
With no qualifier
2tc(SCO)
tw(TxCTRIP)
Pulse duration, TxCTRIP input low
cycles
With qualifier
1tc(SCO) + IQT
(1)
(1)
Input Qualification Time (IQT) = [tc(SCO) × 2 × QUALPRD] × 5 + [tc(SCO) × 2 × QUALPRD].
A.
XCLKOUT = SYSCLKOUT
B.
TxCTRIP – T1CTRIP, T2CTRIP, T3CTRIP, T4CTRIP
CxTRIP – C1TRIP, C2TRIP, C3TRIP, C4TRIP, C5TRIP, or C6TRIP
PDPINTx – PDPINTA or PDPINTB
C.
PWM refers to all the PWM pins in the device (i.e., PWMn and TnPWM pins or PWM pin pair relevant to each
CxTRIP pin). The state of the PWM pins after PDPINTx is taken high depends on the state of the FCOMPOE bit.
Figure 6-22. External Interrupt Timing
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
113
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com