Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 109 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 105Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 106Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 107Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 108Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 109Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 110Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 111Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 112Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 170 page
background image
t
d(WAKE-STBY)
t
d(IDLE-XCOH)
32 SYSCLKOUT Cycles
Wake-up
Signal
X1/XCLKIN
XCLKOUT
Flushing Pipeline
A
B
C
D
E
F
Device
Status
STANDBY
Normal Execution
STANDBY
t
w(WAKE-INT)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
A.
IDLE instruction is executed to put the device into STANDBY mode.
B.
The PLL block responds to the STANDBY signal. SYSCLKOUT is held for the number of cycles indicated below
before being turned off:
•
16 cycles, when DIVSEL = 00 or 01
•
32 cycles, when DIVSEL = 10
•
64 cycles, when DIVSEL = 11
This delay enables the CPU pipeline and any other pending operations to flush properly. If an access to XINTF is in
progress and its access time is longer than this number, then it will fail. It is recommended that STANDBY mode be
entered from SARAM without an XINTF access in progress.
C.
Clocks to the peripherals are turned off. However, the PLL and watchdog are not shut down. The device is now in
STANDBY mode.
D.
The external wake-up signal is driven active.
E.
After a latency period, the STANDBY mode is exited.
F.
Normal execution resumes. The device will respond to the interrupt (if enabled).
Figure 6-16. STANDBY Entry and Exit Timing
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
109
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com