Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 17 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 17 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 21Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
17
EN25Q64
Rev. J, Issue Date: 2011/07/07
Table 5. Manufacturer and Device Identification
OP Code
(M7-M0)
(ID15-ID0)
(ID7-ID0)
ABh
16h
90h
1Ch
16h
9Fh
1Ch
3017h
Enable Quad Peripheral Interface mode (EQPI) (38h)
The Enable Quad Peripheral Interface mode (EQPI) instruction will enable the flash device for Quad
SPI bus operation. Upon completion of the instruction, all instructions thereafter will be 4-bit multiplexed
input/output until a power cycle or “ Reset Quad I/O instruction “ instruction, as shown in Figure 5. The
device did not support the Read Data Bytes (READ) (03h), Dual Output Fast Read (3Bh) and Dual
Input/Output FAST_READ (BBh) modes while the Enable Quad Peripheral Interface mode (EQPI) (38h)
turns on.
Figure 5. Enable Quad Peripheral Interface mode Sequence Diagram
Reset Quad I/O (RSTQIO) (FFh)
The Reset Quad I/O instruction resets the device to 1-bit Standard SPI operation. To execute a Reset
Quad I/O operation, the host drives CS# low, sends the Reset Quad I/O command cycle (FFh) then,
drives CS# high. This command can’t be used in Standard SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com