Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
9
EN25Q64
Rev. J, Issue Date: 2011/07/07
Table 2. Uniform Block Sector Architecture ( 3/4 )
Block
Sector
Address range
1023
3FF000h
3FFFFFh
63
1008
3F0000h
3F0FFFh
1007
3EF000h
3EFFFFh
62
992
3E0000h
3E0FFFh
991
3DF000h
3DFFFFh
61
976
3D0000h
3D0FFFh
975
3CF000h
3CFFFFh
60
960
3C0000h
3C0FFFh
959
3BF000h
3BFFFFh
59
944
3B0000h
3B0FFFh
943
3AF000h
3AFFFFh
58
928
3A0000h
3A0FFFh
927
39F000h
39FFFFh
57
912
390000h
390FFFh
911
38F000h
38FFFFh
56
896
380000h
380FFFh
895
37F000h
37FFFFh
55
880
370000h
370FFFh
879
36F000h
36FFFFh
54
864
360000h
360FFFh
863
35F000h
35FFFFh
53
848
350000h
350FFFh
847
34F000h
34FFFFh
52
832
340000h
340FFFh
831
33F000h
33FFFFh
51
816
330000h
330FFFh
815
32F000h
32FFFFh
50
800
320000h
320FFFh
799
31F000h
31FFFFh
49
784
310000h
310FFFh
783
30F000h
30FFFFh
48
768
300000h
300FFFh
Block
Sector
Address range
767
2FF000h
2FFFFFh
47
752
2F0000h
2F0FFFh
751
2EF000h
2EFFFFh
46
736
2E0000h
2E0FFFh
735
2DF000h
2DFFFFh
45
720
2D0000h
2D0FFFh
719
2CF000h
2CFFFFh
44
704
2C0000h
2C0FFFh
703
2BF000h
2BFFFFh
43
688
2B0000h
2B0FFFh
687
2AF000h
2AFFFFh
42
672
2A0000h
2A0FFFh
671
29F000h
29FFFFh
41
656
290000h
290FFFh
655
28F000h
28FFFFh
40
640
280000h
280FFFh
639
27F000h
27FFFFh
39
624
270000h
270FFFh
623
26F000h
26FFFFh
38
608
260000h
260FFFh
607
25F000h
25FFFFh
37
592
250000h
250FFFh
591
24F000h
24FFFFh
36
576
240000h
240FFFh
575
23F000h
23FFFFh
35
560
230000h
230FFFh
559
22F000h
22FFFFh
34
544
220000h
220FFFh
543
21F000h
21FFFFh
33
528
210000h
210FFFh
527
20F000h
20FFFFh
32
512
200000h
200FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com