Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 33 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 33 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 37Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
33
EN25Q64
Rev. J, Issue Date: 2011/07/07
Page Program (PP) (02h)
The Page Program (PP) instruction allows bytes to be programmed in the memory. Before it can be
accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write
Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Page Program (PP) instruction is entered by driving Chip Select (CS#) Low, followed by the in-
struction code, three address bytes and at least one data byte on Serial Data Input (DI). If the 8 least
significant address bits (A7-A0) are not all zero, all transmitted data that goes beyond the end of the
current page are programmed from the start address of the same page (from the address whose 8
least significant bits (A7-A0) are all zero). Chip Select (CS#) must be driven Low for the entire duration
of the sequence.
The instruction sequence is shown in Figure 17. If more than 256 bytes are sent to the device, pre-
viously latched data are discarded and the last 256 data bytes are guaranteed to be programmed cor-
rectly within the same page. If less than 256 Data bytes are sent to device, they are correctly pro-
grammed at the requested addresses without having any effects on the other bytes of the same page.
Chip Select (CS#) must be driven High after the eighth bit of the last data byte has been latched in,
otherwise the Page Program (PP) instruction is not executed.
As soon as Chip Select (CS#) is driven High, the self-timed Page Program cycle (whose duration is tPP)
is initiated. While the Page Program cycle is in progress, the Status Register may be read to check the
value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Page
Program cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed,
the Write Enable Latch (WEL) bit is reset.
A Page Program (PP) instruction applied to a page which is protected by the Block Protect (BP3, BP2,
BP1, BP0) bits (see Table 3) is not executed.
The instruction sequence is shown in Figure 17.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.
Figure 17. Page Program Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com