Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 42 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 42 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 38Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 39Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 40Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 41Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 42Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 43Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 44Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 45Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 46Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
42
EN25Q64
Rev. J, Issue Date: 2011/07/07
Read Identification (RDID) (9Fh)
The Read Identification (RDID) instruction allows the 8-bit manufacturer identification to be read,
followed by two bytes of device identification. The device identification indicates the memory type in the
first byte , and the memory capacity of the device in the second byte .
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is not
decoded, and has no effect on the cycle that is in progress. The Read Identification (RDID) instruction
should not be issued while the device is in Deep Power down mode.
The device is first selected by driving Chip Select Low. Then, the 8-bit instruction code for the
instruction is shifted in. This is followed by the 24-bit device identification, stored in the memory, being
shifted out on Serial Data Output , each bit being shifted out during the falling edge of Serial Clock .
The instruction sequence is shown in Figure 25. The Read Identification (RDID) instruction is
terminated by driving Chip Select High at any time during data output.
When Chip Select is driven High, the device is put in the Standby Power mode. Once in the Standby
Power mode, the device waits to be selected, so that it can receive, decode and execute instructions.
The instruction sequence is shown in Figure 25.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.
Figure 25. Read Identification (RDID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com