Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 40 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 40 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 37Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 38Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 39Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 40Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 41Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 42Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 43Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 44Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
40
EN25Q64
Rev. J, Issue Date: 2011/07/07
Figure 22. Release Power-down Instruction Sequence Diagram
Figure 23. Release Power-down / Device ID Instruction Sequence Diagram
Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device
ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device
ID instruction. The instruction is initiated by driving the CS# pin low and shifting the instruction code
“90h” followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Eon (1Ch)
and the Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first as
shown in Figure 24. The Device ID values for the EN25Q64 are listed in Table 5. If the 24-bit address is
initially set to 000001h the Device ID will be read first
The instruction sequence is shown in Figure 24.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com