Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 47 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 47 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 43Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 44Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 45Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 46Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 47Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 48Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 49Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 50Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 51Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
47
EN25Q64
Rev. J, Issue Date: 2011/07/07
Table 11. AC Characteristics
(Ta = - 40°C to 85°C; VCC = 2.7-3.6V)
Symbol
Alt
Parameter
Min
Typ
Max
Unit
Serial Clock Frequency for:
FAST_READ, PP, SE, BE, DP, RES, WREN,
WRDI, WRSR
D.C.
104
MHz
F
R
f
C
Serial Clock Frequency for:
RDSR, RDID, Dual Output Fast Read.
D.C.
80
MHz
f
R
Serial Clock Frequency for READ, Quad I/O Fast
Read
D.C.
50
MHz
t
CH
1
Serial Clock High Time
4
ns
t
CL
1
Serial Clock Low Time
4
ns
t
CLCH
2
Serial Clock Rise Time (Slew Rate)
0.1
V / ns
t
CHCL
2
Serial Clock Fall Time (Slew Rate)
0.1
V / ns
t
SLCH
t
CSS
CS# Active Setup Time (Relative to CLK)
5
ns
t
CHSH
CS# Active Hold Time (Relative to CLK)
5
ns
t
SHCH
CS# Not Active Setup Time (Relative to CLK)
5
ns
t
CHSL
CS# Not Active Hold Time (Relative to CLK)
5
ns
t
SHSL
t
CSH
CS# High Time for read
CS# High Time for program/erase
15
50
ns
ns
t
SHQZ
2
t
DIS
Output Disable Time
6
ns
t
CLQX
t
HO
Output Hold Time
0
ns
t
DVCH
t
DSU
Data In Setup Time
2
ns
t
CHDX
t
DH
Data In Hold Time
5
ns
t
CLQV
t
V
Output Valid from CLK
8
ns
t
WHSL
3
Write Protect Setup Time before CS# Low
20
ns
t
SHWL
3
Write Protect Hold Time after CS# High
100
ns
t
DP
2
CS# High to Deep Power-down Mode
3
µs
t
RES1
2
CS# High to Standby Mode without Electronic
Signature read
3
µs
t
RES2
2
CS# High to Standby Mode with Electronic
Signature read
1.8
µs
t
W
Write Status Register Cycle Time
15
50
ms
t
PP
Page Programming Time
1.3
5
ms
t
SE
Sector Erase Time
0.06
0.3
s
t
BE
Block Erase Time
0.3
2
s
t
CE
Chip Erase Time
30
70
s
WIP = write operation
28
µs
t
SR
Software Reset
Latency
WIP = not in write operation
0
µs
Note: 1. t
CH + tCL must be greater than or equal to 1/ fC
2. Value guaranteed by characterization, not 100% tested in production.
3. Only applicable as a constraint for a Write status Register instruction when Status Register Protect Bit is set at 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com