Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 18 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 18 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 22Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
18
EN25Q64
Rev. J, Issue Date: 2011/07/07
Reset-Enable (RSTEN) (66h) and Reset (RST) (99h)
The Reset operation is used as a system (software) reset that puts the device in normal operating
Ready mode. This operation consists of two commands: Reset-Enable (RSTEN) and Reset (RST).
To reset the EN25Q64 the host drives CS# low, sends the Reset-Enable command (66h), and drives
CS# high. Next, the host drives CS# low again, sends the Reset command (99h), and drives CS# high.
The Reset operation requires the Reset-Enable command followed by the Reset command. Any
command other than the Reset command after the Reset-Enable command will disable the Reset-
Enable.
A successful command execution will reset the Status register to data = 00h, see Figure 6 for SPI Mode
and Figure 6.1 for Quad Mode. A device reset during an active Program or Erase operation aborts the
operation, which can cause the data of the targeted address range to be corrupted or lost. Depending
on the prior operation, the reset timing may vary. Recovery from a Write operation requires more
software latency time ( tSR) than recovery from other operations.
Figure 6. Reset-Enable and Reset Sequence Diagram
Figure 6.1 . Reset-Enable and Reset Sequence Diagram under EQPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com