Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 15 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 15 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 19Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
15
EN25Q64
Rev. J, Issue Date: 2011/07/07
Table 4A. Instruction Set
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
EQPI
38h
RSTQIO(2)
FFh
Write Enable
06h
RSTEN
66h
RST(1)
99h
Write Disable / Exit
OTP mode
04h
Read Status
Register
05h
(S7-S0)(3)
continuous(4)
Write Status
Register
01h
S7-S0
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
continuous
Sector Erase / OTP
erase
20h
A23-A16
A15-A8
A7-A0
Block Erase
D8h
A23-A16
A15-A8
A7-A0
Chip Erase
C7h/ 60h
Deep Power-down
B9h
Release from Deep
Power-down, and
read Device ID
dummy
dummy
dummy
(ID7-ID0)
(5)
Release from Deep
Power-down
ABh
00h
(M7-M0)
(ID7-ID0)
Manufacturer/
Device ID
90h
dummy
dummy
01h
(ID7-ID0)
(M7-M0)
(6)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
(7)
Enter OTP mode
3Ah
Notes:
1. RST command only executed if RSTEN command is executed first. Any intervening command will disable Reset.
2. Device accepts eight-clocks command in Standard SPI mode, or two-clocks command in Quad SPI mode
3. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from the
device on the DO pin
4. The Status Register contents will repeat continuously until CS# terminate the instruction
5. The Device ID will repeat continuously until CS# terminates the instruction
6. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminates the instruction.
00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID
7. (M7-M0) : Manufacturer, (ID15-ID8) : Memory Type, (ID7-ID0) : Memory Capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com