Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 28 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 28 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 32Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
28
EN25Q64
Rev. J, Issue Date: 2011/07/07
Dual Input / Output FAST_READ (BBh)
The Dual I/O Fast Read (BBh) instruction allows for improved random access while maintaining two IO
pins, DQ0 and DQ1. It is similar to the Dual Output Fast Read (3Bh) instruction but with the capability to
input the Address bits (A23-0) two bits per clock. This reduced instruction overhead may allow for code
execution (XIP) directly from the Dual SPI in some applications.
The Dual I/O Fast Read instruction enable double throughput of Serial Flash in read mode. The
address is latched on rising edge of CLK, and data of every two bits (interleave 2 I/O pins) shift out on
the falling edge of CLK at a maximum frequency. The first address can be at any location. The address
is automatically increased to the next higher address after each byte data is shifted out, so the whole
memory can be read out at a single Dual I/O Fast Read instruction. The address counter rolls over to 0
when the highest address has been reached. Once writing Dual I/O Fast Read instruction, the following
address/dummy/data out will perform as 2-bit instead of previous 1-bit, as shown in Figure 14.
Figure 14. Dual Input / Output Fast Read Instruction Sequence Diagram
“Quad Input / Output FAST_READ (EBh)
The Quad Input/Output FAST_READ (EBh) instruction is similar to the Dual I/O Fast Read (BBh)
instruction except that address and data bits are input and output through four pins, DQ0, DQ1, DQ2 and
DQ3 and six Dummy clocks are required prior to the data output. The Quad I/O dramatically reduces
instruction overhead allowing faster random access for code execution (XIP) directly from the Quad SPI.
The Quad Input/Output FAST_READ (EBh) instruction enable quad throughput of Serial Flash in read
mode. The address is latching on rising edge of CLK, and data of every four bits (interleave on 4 I/O
pins) shift out on the falling edge of CLK at a maximum frequency FR. The first address can be any
location. The address is automatically increased to the next higher address after each byte data is
shifted out, so the whole memory can be read out at a single Quad Input/Output FAST_READ
instruction. The address counter rolls over to 0 when the highest address has been reached. Once
writing Quad Input/Output FAST_READ instruction, the following address/dummy/data out will perform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com