Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 34 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 34 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 37Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 38Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
34
EN25Q64
Rev. J, Issue Date: 2011/07/07
Figure 17.1 Program Instruction Sequence under EQPI Mode
Sector Erase (SE) (20h)
The Sector Erase (SE) instruction sets to 1 (FFh) all bits inside the chosen sector. Before it can be
accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write
Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by driving Chip Select (CS#) Low, followed by the in-
struction code, and three address bytes on Serial Data Input (DI). Any address inside the Sector (see
Table 2) is a valid address for the Sector Erase (SE) instruction. Chip Select (CS#) must be driven Low
for the entire duration of the sequence.
The instruction sequence is shown in Figure 18. Chip Select (CS#) must be driven High after the eighth
bit of the last address byte has been latched in, otherwise the Sector Erase (SE) instruction is not
executed. As soon as Chip Select (CS#) is driven High, the self-timed Sector Erase cycle (whose du-
ration is tSE) is initiated. While the Sector Erase cycle is in progress, the Status Register may be read
to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the
self-timed Sector Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle
is completed, the Write Enable Latch (WEL) bit is reset.
A Sector Erase (SE) instruction applied to a sector which is protected by the Block Protect (BP3, BP2,
BP1, BP0) bits (see Table 3) is not executed.
The instruction sequence is shown in Figure 19.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com