Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 56 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 56 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 52Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 53Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 54Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 55Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 56Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 57Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 58Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 59Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 60Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
56
EN25Q64
Rev. J, Issue Date: 2011/07/07
Figure 36. 24-ball Thin Profile Fine-Pitch Ball Grid Array (6 x 8 mm) Package
MIN.
NOR
MAX
A
- --
- --
1.20
A1
0.27
- --
0.37
A2
A3
D
E
D1
- --
3.00
- --
E1
- --
5.00
- --
e
- --
1.00
- --
b
- --
0.40
- --
DIMENSIONINMM
SYMBOL
0.21 REF
0.54 REF
6
BSC
8
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com