Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25Q64-104FIP Datasheet(PDF) 60 Page - Eon Silicon Solution Inc.

Part # EN25Q64-104FIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q64-104FIP Datasheet(HTML) 60 Page - Eon Silicon Solution Inc.

Back Button EN25Q64-104FIP Datasheet HTML 52Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 53Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 54Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 55Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 56Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 57Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 58Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 59Page - Eon Silicon Solution Inc. EN25Q64-104FIP Datasheet HTML 60Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
60
EN25Q64
Rev. J, Issue Date: 2011/07/07
Revisions List
Revision No Description
Date
F
1. Add 8-pin PDIP package option
2. Add 24-ball Ball Grid Array (6 x 8 mm) package option
3. For the dual and quad SPI, change the speed from 50MHz to 80MHz.
4. Remove Write Suspend and Write Resume information.
5. Modify Software Reset Latency from 20µs to 28µs on page 47.
2010/02/05
G
1. Update AC Characteristics in Table 11 on page 47.
(1). Sector Erase time from 0.09s to 0.06s (typ.)
(2). Block Erase time from 0.5s to 0.3s (typ.)
2010/04/19
H
1. Rename 38h command from
Enable Quad I/O (EQIO) to Enable Quad
Peripheral Interface mode (EQPI).
2. Revise the speed of Quad SPI from 80MHz to 50MHz.
3. Revise the Chip Erase Time (Max.) from 50s to 70s on page47.
2011/01/10
I
1. Update Write Status Register Cycle Time from 10 (typ.) /15 (max.) ms to 15
(typ.) / 50 (max.) ms on page 47.
2. Rename 24 Ball package from BGA to TFBGA.
2011/04/18
J
1. Add the note “5. This flow cannot release the device from Deep power
down mode.” on page 19.
2. Correct the typo of 6 dummy clocks for EBh command on page 28.
2011/07/07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com