Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 64Page - STMicroelectronics ST10F272M_12 Datasheet HTML 65Page - STMicroelectronics ST10F272M_12 Datasheet HTML 66Page - STMicroelectronics ST10F272M_12 Datasheet HTML 67Page - STMicroelectronics ST10F272M_12 Datasheet HTML 68Page - STMicroelectronics ST10F272M_12 Datasheet HTML 69Page - STMicroelectronics ST10F272M_12 Datasheet HTML 70Page - STMicroelectronics ST10F272M_12 Datasheet HTML 71Page - STMicroelectronics ST10F272M_12 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 176 page
background image
Serial channels
ST10F272M
68/176
Doc ID 12968 Rev 3
15
Serial channels
Serial communication with other microcontrollers, microprocessors, terminals or external peripheral
components is provided by up to four serial interfaces: Two asynchronous/
synchronous serial channels (ASC0 and ASC1) and two high-speed synchronous serial channel (SSC0
and SSC1). Dedicated baudrate generators set up all standard baudrates without the requirement of
oscillator tuning. For transmission, reception and erroneous reception, separate interrupt vectors are
provided for ASC0 and SSC0 serial channel. A more complex mechanism of interrupt sources
multiplexing is implemented for ASC1 and SSC1 (XBUS mapped).
15.1
Asynchronous/synchronous serial interfaces
The asynchronous / synchronous serial interfaces (ASC0 and ASC1) provides serial communication
between the ST10F272M and other microcontrollers, microprocessors or external peripherals.
15.2
ASCx in asynchronous mode
In asynchronous mode, 8- or 9-bit data transfer, parity generation and the number of stop bits can be
selected. Parity framing and overrun error detection is provided to increase the reliability of data
transfers. Transmission and reception of data is double-buffered. Full-duplex communication up to
1.25 Mbaud (at 40 MHz of fCPU) is supported in this mode.
Note:
The deviation errors given in Table 37 are rounded off. To avoid deviation errors use a
baudrate crystal (providing a multiple of the ASC0 sampling frequency).
Table 37.
ASC asynchronous baudrates by reload value and deviation errors (fCPU = 40 MHz)
S0BRS = ‘0’, fCPU = 40 MHz
S0BRS = ‘1’, fCPU = 40 MHz
Baudrate (baud)
Deviation
error
Reload value (hex) Baudrate (baud) Deviation error Reload value (hex)
1 250 000
0.0%/0.0%
0000/0000
833 333
0.0%/0.0%
0000/0000
112 000
+1.5%/-7.0%
000A/000B
112 000
+6.3%/-7.0%
0006/0007
56 000
+1.5%/-3.0%
0015/0016
56 000
+6.3%/-0.8%
000D/000E
38 400
+1.7%/-1.4%
001F/0020
38 400
+3.3%/-1.4%
0014/0015
19 200
+0.2%/-1.4%
0040/0041
19 200
+0.9%/-1.4%
002A/002B
9 600
+0.2%/-0.6%
0081/0082
9 600
+0.9%/-0.2%
0055/0056
4 800
+0.2%/-0.2%
0103/0104
4 800
+0.4%/-0.2%
00AC/00AD
2 400
+0.2%/0.0%
0207/0208
2 400
+0.1%/-0.2%
015A/015B
1 200
0.1%/0.0%
0410/0411
1 200
+0.1%/-0.1%
02B5/02B6
600
0.0%/0.0%
0822/0823
600
+0.1%/0.0%
056B/056C
300
0.0%/0.0%
1045/1046
300
0.0%/0.0%
0AD8/0AD9
153
0.0%/0.0%
1FE8/1FE9
102
0.0%/0.0%
1FE8/1FE9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com