Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 14Page - STMicroelectronics ST10F272M_12 Datasheet HTML 15Page - STMicroelectronics ST10F272M_12 Datasheet HTML 16Page - STMicroelectronics ST10F272M_12 Datasheet HTML 17Page - STMicroelectronics ST10F272M_12 Datasheet HTML 18Page - STMicroelectronics ST10F272M_12 Datasheet HTML 19Page - STMicroelectronics ST10F272M_12 Datasheet HTML 20Page - STMicroelectronics ST10F272M_12 Datasheet HTML 21Page - STMicroelectronics ST10F272M_12 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 176 page
background image
Pin data
ST10F272M
18/176
Doc ID 12968 Rev 3
EA / VSTBY
99
I
External access enable pin.
A low level applied to this pin during and after reset forces the ST10F272M to
start the program from the external memory space. A high level forces
ST10F272M to start in the internal memory space. This pin is also used (when
Stand-by mode is entered, that is ST10F272M under reset and main VDD turned
off) to bias the 32 kHz oscillator amplifier circuit and to provide a reference
voltage for the low-power embedded voltage regulator which generates the
internal 1.8V supply for the RTC module (when not disabled) and to retain data
inside the Stand-by portion of the XRAM (16 Kbyte). It can range from 4.5 to 5.5
V. In running mode, this pin can be tied low during reset without affecting 32 kHz
oscillator, RTC and XRAM activities, since the presence of a stable VDD
guarantees the proper biasing of all those modules.
P0L.0 - P0L.7,
P0H.0,
P0H.1 - P0H.7
100-107,
108,
111-117
I/O
Two 8-bit bidirectional I/O ports P0L and P0H, bitwise programmable for input or
output via direction bit. Programming an I/O pin as input forces the
corresponding output driver to high impedance state. The input threshold of
Port 0 is selectable (TTL or CMOS). In case of an external bus configuration,
PORT0 serves as the address (A) and as the address/data (AD) bus in
multiplexed bus modes and as the data (D) bus in demultiplexed bus modes.
Demultiplexed bus modes
Multiplexed bus modes
P1L.0 - P1L.7,
P1H.0 - P1H.7
118-125
128-135
I/O
Two 8-bit bidirectional I/O ports P1L and P1H, bitwise programmable for input or
output via direction bit. Programming an I/O pin as input forces the
corresponding output driver to high impedance state. port1 is used as the 16-bit
address bus (A) in demultiplexed bus modes: If at least BUSCONx is configured
such that the demultiplexed mode is selected, the pins of port1 are not available
for general purpose I/O function. The input threshold of port 1 is selectable (TTL
or CMOS). The pins of P1L also serve as the additional (up to eight) analog input
channels for the A/D converter, where P1L.x equals ANy (Analog input channel
y, where y = x + 16). This additional function has a higher priority on
demultiplexed bus function. The following port1 pins have alternate functions:
132
I
P1H.4
CC24IO
CAPCOM2: CC24 capture input
133
I
P1H.5
CC25IO
CAPCOM2: CC25 capture input
134
I
P1H.6
CC26IO
CAPCOM2: CC26 capture input
135
I
P1H.7
CC27IO
CAPCOM2: CC27 capture input
XTAL1
138
I
XTAL1
Main oscillator amplifier circuit and/or external clock input
XTAL2
137
O
XTAL2
Main oscillator amplifier circuit output
Table 1.
Pin description (continued)
Symbol
Pin
Type
Function
Data path width
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Data path width
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A
8 – A15
A
D8 - AD15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com