Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 18Page - STMicroelectronics ST10F272M_12 Datasheet HTML 19Page - STMicroelectronics ST10F272M_12 Datasheet HTML 20Page - STMicroelectronics ST10F272M_12 Datasheet HTML 21Page - STMicroelectronics ST10F272M_12 Datasheet HTML 22Page - STMicroelectronics ST10F272M_12 Datasheet HTML 23Page - STMicroelectronics ST10F272M_12 Datasheet HTML 24Page - STMicroelectronics ST10F272M_12 Datasheet HTML 25Page - STMicroelectronics ST10F272M_12 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 176 page
background image
Memory organization
ST10F272M
22/176
Doc ID 12968 Rev 3
After reset, the XRAM2 address range is 09’0000h - 09’3FFFh and is mirrored every
16 Kbyte boundary until 0F’FFFFh.
XRAM2 also represents the stand-by RAM, which can be maintained biased through
EA /VSTBY pin when main supply VDD is turned off. As the XRAM appears like external
memory, it cannot be used as system stack or as register banks. The XRAM is not provided
for single bit storage and therefore is not bit addressable.
SFR/ESFR: 1024 bytes (2 x 512 bytes) of address space is reserved for the special function
register areas. SFRs are wordwide registers which are used to control and to monitor the
function of the different on-chip units.
CAN1: Address range 00’EF00h - 00’EFFFh is reserved for the CAN1 module access. The
CAN1 is enabled by setting XPEN bit 2 of the SYSCON register and by setting CAN1EN bit
0 of the XPERCON register. Accesses to the CAN module use demultiplexed addresses
and a 16-bit data bus (only word accesses are possible). Two wait states give an access
time of 100ns at 40 MHz CPU clock. No tri-state wait states are used.
CAN2: Address range 00’EE00h - 00’EEFFh is reserved for the CAN2 Module access. The
CAN2 is enabled by setting XPEN bit 2 of the SYSCON register and by setting CAN2EN bit
1 of the new XPERCON register. Accesses to the CAN module use demultiplexed
addresses and a 16-bit data bus (only word accesses are possible). Two wait states give an
access time of 100ns at 40 MHz CPU clock. No tri-state wait states are used.
Note:
If one or the two CAN modules are used, port 4 cannot be programmed to output all eight
segment address lines. Thus, only four segment address lines can be used, reducing the
external memory space to 5 Mbytes (1 Mbyte per CS line).
RTC: Address range 00’ED00h - 00’EDFFh is reserved for the RTC Module access. The
RTC is enabled by setting XPEN bit 2 of the SYSCON register and bit 4 of the XPERCON
register. Accesses to the RTC Module use demultiplexed addresses and a 16-bit data bus
(only word accesses are possible). Two waitstates give an access time of 100ns at 40 MHz
CPU clock. No tristate waitstate is used.
PWM1: Address range 00’EC00h - 00’ECFFh is reserved for the PWM1 module access.
The PWM1 is enabled by setting XPEN bit 2 of the SYSCON register and bit 6 of the
XPERCON register. Accesses to the PWM1 Module use demultiplexed addresses and a 16-
bit data bus (only word accesses are possible). Two waitstates give an access time of 100ns
at 40 MHz CPU clock. No tristate waitstate is used. Only word access is possible.
ASC1: Address range 00’E900h - 00’E9FFh is reserved for the ASC1 module access. The
ASC1 is enabled by setting XPEN bit 2 of the SYSCON register and bit 7 of the XPERCON
register. Accesses to the ASC1 module use demultiplexed addresses and a 16-bit data bus
(only word accesses are possible). Two waitstates give an access time of 100ns at 40 MHz
CPU clock. No tristate waitstate is used.
SSC1: Address range 00’E800h - 00’E8FFh is reserved for the SSC1 Module access. The
SSC1 is enabled by setting XPEN bit 2 of the SYSCON register and bit 8 of the XPERCON
register. Accesses to the SSC1 module use demultiplexed addresses and a 16-bit data bus
(only word accesses are possible). Two waitstates give an access time of 100ns at 40 MHz
CPU clock. No tristate waitstate is used.
I2C: Address range 00’EA00h - 00’EAFFh is reserved for the I2C module access. The I2C is
enabled by setting XPEN bit 2 of the SYSCON register and bit 9 of the XPERCON register.
Accesses to the I2C module use demultiplexed addresses and a 16-bit data bus (only word
accesses are possible). Two waitstates give an access time of 100 ns at 40 MHz CPU clock.
No tristate waitstate is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com