Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 75Page - STMicroelectronics ST10F272M_12 Datasheet HTML 76Page - STMicroelectronics ST10F272M_12 Datasheet HTML 77Page - STMicroelectronics ST10F272M_12 Datasheet HTML 78Page - STMicroelectronics ST10F272M_12 Datasheet HTML 79Page - STMicroelectronics ST10F272M_12 Datasheet HTML 80Page - STMicroelectronics ST10F272M_12 Datasheet HTML 81Page - STMicroelectronics ST10F272M_12 Datasheet HTML 82Page - STMicroelectronics ST10F272M_12 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 176 page
background image
ST10F272M
System reset
Doc ID 12968 Rev 3
79/176
Warning:
It is recommended to provide the external hardware with a
current limitation circuitry. This is necessary to avoid
permanent damage of the device during the power-on
transient, when the capacitance on V18 pin is charged. For
the on-chip voltage regulator functionality 10nF is sufficient:
In any case, a maximum of 100 nF on V18 pin should not
generate problems of over-current (higher value is allowed if
current is limited by the external hardware). External current
limitation is nevertheless also recommended to avoid risks of
damage in case of a temporary short between V18 and
ground: The internal 1.8 V drivers are sized to drive currents
of several tens of Amps, so the current must be limited by the
external hardware. The limit of current is imposed by power
dissipation considerations (refer to Section 24: Electrical
characteristics).
In figures 17 and 18 below, asynchronous power-on timing diagrams are shown, with boot
from internal or external memory respectively, highlighting the reset phase extension
introduced by the embedded Flash module when selected.
Caution:
Never power the device without keeping the RSTIN pin grounded: The device could enter
into unpredictable states, risking also permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com