Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 33Page - STMicroelectronics ST10F272M_12 Datasheet HTML 34Page - STMicroelectronics ST10F272M_12 Datasheet HTML 35Page - STMicroelectronics ST10F272M_12 Datasheet HTML 36Page - STMicroelectronics ST10F272M_12 Datasheet HTML 37Page - STMicroelectronics ST10F272M_12 Datasheet HTML 38Page - STMicroelectronics ST10F272M_12 Datasheet HTML 39Page - STMicroelectronics ST10F272M_12 Datasheet HTML 40Page - STMicroelectronics ST10F272M_12 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 176 page
background image
ST10F272M
Internal Flash memory
Doc ID 12968 Rev 3
37/176
5.5.5
Flash non-volatile access protection register 1 high (FNVAPR1H)
5.5.6
X-bus Flash volatile temporary access unprotection register
(XFVTAUR0)
Table 21.
Flash non-volatile access protection register 1 low
Bit
Name
Function
15:0 PDS[15:0]
Protections disable 15-0
If bit PDSx is programmed at 0 and bit PENx is erased at 1, the action of bit ACCP
is disabled. Bit PDS0 can be programmed at 0 only if both bits DBGP and ACCP
have already been programmed at 0. Bit PDSx can be programmed at 0 only if bit
PENx-1 has already been programmed at 0.
FNVAPR1H (0x08 DFBE)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
98
765
43
210
PEN15PEN14PEN13PEN12PEN11PEN10 PEN9 PEN8 PEN7 PEN6 PEN5 PEN4 PEN3 PEN2 PEN1 PEN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 22.
Flash non-volatile access protection register 1 high
Bit
Name
Function
15:0 PEN[15:0]
Protections enable 15-0
If bit PENx is programmed at 0 and bit PDSx+1 is erased at 1, the action of bit
ACCP is enabled again. Bit PENx can be programmed at 0 only if bit PDSx has
already been programmed at 0.
XFVTAUR0 (0x00 EB50)
NVR
Reset value: 0000h
15
14
13
12
11
10
98
765
43
210
Reserved
TAUB
-RW
Table 23.
X-bus Flash volatile temporary access unprotection register
Bit
Name
Function
0TAUB
Temporary access unprotection bit
If this bit is set to 1, the access protection is temporary disabled. The fact that this
bit can be written only while executing from IFlash guarantees that only a code
executed in IFlash can unprotect the IFlash when it is access protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com