Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 65Page - STMicroelectronics ST10F272M_12 Datasheet HTML 66Page - STMicroelectronics ST10F272M_12 Datasheet HTML 67Page - STMicroelectronics ST10F272M_12 Datasheet HTML 68Page - STMicroelectronics ST10F272M_12 Datasheet HTML 69Page - STMicroelectronics ST10F272M_12 Datasheet HTML 70Page - STMicroelectronics ST10F272M_12 Datasheet HTML 71Page - STMicroelectronics ST10F272M_12 Datasheet HTML 72Page - STMicroelectronics ST10F272M_12 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 176 page
background image
ST10F272M
Serial channels
Doc ID 12968 Rev 3
69/176
15.3
ASCx in synchronous mode
In synchronous mode, data is transmitted or received synchronously to a shift clock which is generated
by the ST10F272M. Half-duplex communication up to 5 Mbaud (at 40 MHz of fCPU) is possible in this
mode.
Note:
The deviation errors given in the Table 38 are rounded off. To avoid deviation errors use a
baudrate crystal (providing a multiple of the ASC0 sampling frequency).
15.4
High speed synchronous serial interfaces
The high-speed synchronous serial interfaces (SSC0 and SSC1) provides flexible high-speed serial
communication between the ST10F272M and other microcontrollers, microprocessors or external
peripherals.
The SSCx supports full-duplex and half-duplex synchronous communication. The serial clock signal can
be generated by the SSCx itself (master mode) or be received from an external master (slave mode).
Data width, shift direction, clock polarity and phase are programmable.
This allows communication with SPI-compatible devices. Transmission and reception of data is double-
buffered. A 16-bit baudrate generator provides the SSCx with a separate serial clock signal. The serial
channel SSCx has its own dedicated 16-bit baudrate generator with 16-bit reload capability, allowing
baudrate generation independent from the timers.
Table 39 lists some possible baudrates against the required reload values and the resulting bit times for
the 40 MHz CPU clock. The maximum is limited to 8 Mbaud.
Table 38.
ASC synchronous baudrates by reload value and deviation errors (fCPU = 40 MHz)
S0BRS = ‘0’, fCPU = 40 MHz
S0BRS = ‘1’, fCPU = 40 MHz
Baudrate (baud) Deviation error
Reload value
(hex)
Baudrate (baud) Deviation error Reload value (hex)
5 000 000
0.0%/0.0%
0000/0000
3 333 333
0.0%/0.0%
0000/0000
112 000
+1.5%/-0.8%
002B/002C
112 000
+2.6%/-0.8%
001C/001D
56 000
+0.3%/-0.8%
0058/0059
56 000
+0.9%/-0.8%
003A/003B
38 400
+0.2%/-0.6%
0081/0082
38 400
+0.9%/-0.2%
0055/0056
19 200
+0.2%/-0.2%
0103/0104
19 200
+0.4%/-0.2%
00AC/00AD
9 600
+0.2%/0.0%
0207/0208
9 600
+0.1%/-0.2%
015A/015B
4 800
+0.1%/0.0%
0410/0411
4 800
+0.1%/-0.1%
02B5/02B6
2 400
0.0%/0.0%
0822/0823
2 400
+0.1%/0.0%
056B/056C
1 200
0.0%/0.0%
1045/1046
1 200
0.0%/0.0%
0AD8/0AD9
900
0.0%/0.0%
15B2/15B3
600
0.0%/0.0%
15B2/15B3
612
0.0%/0.0%
1FE8/1FE9
407
0.0%/0.0%
1FFD/1FFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com