Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 27Page - STMicroelectronics ST10F272M_12 Datasheet HTML 28Page - STMicroelectronics ST10F272M_12 Datasheet HTML 29Page - STMicroelectronics ST10F272M_12 Datasheet HTML 30Page - STMicroelectronics ST10F272M_12 Datasheet HTML 31Page - STMicroelectronics ST10F272M_12 Datasheet HTML 32Page - STMicroelectronics ST10F272M_12 Datasheet HTML 33Page - STMicroelectronics ST10F272M_12 Datasheet HTML 34Page - STMicroelectronics ST10F272M_12 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 176 page
background image
ST10F272M
Internal Flash memory
Doc ID 12968 Rev 3
31/176
5.4.3
Flash control register 1 low (FCR1L)
The Flash control register 1 Low (FCR1L), together with Flash control register 1 high
(FCR1H), is used to select the sectors to erase, or during any write operation to monitor the
status of each sector and bank.
5.4.4
Flash control register 1 high (FCR1H)
The Flash control register 1 high (FCR1H), together with Flash control register 1 low
(FCR1L), is used to select the sectors to erase, or during any write operation to monitor the
status of each sector and bank.
During any erase operation, this bit is automatically set and gives the status of the bank 0.
The meaning of B0Fy bit for sector y of bank 0 is given in Table 11: Banks (BxS) and sectors (BxFy)
status bits meaning.
These bits are automatically reset at the end of an erase operation if no
errors are detected.
FCR1L (0x08 0004)
FCR
Reset value: 0000h
15
14
13
12
11
10
98
765
43
210
Reserved
B0F7 B0F6 B0F5 B0F4 B0F3 B0F2 B0F1 B0F0
-
RS
RSRS
RSRSRS
RSRS
Table 9.
Flash control register 1 low
Bit
Name
Function
7:0
B0F[7:0]
Bank 0 IFlash sectors 7-0 status
These bits must be set during a sector erase operation to select the sectors to
erase in bank 0. Moreover, during any erase operation, these bits are
automatically set and give the status of the eight sectors of Bank 0 (B0F7-B0F0).
The meaning of B0Fy bit for sector y of bank 0 is given in Table 11: Banks (BxS)
and sectors (BxFy) status bits meaning. These bits are automatically reset at the
end of a write operation if no errors are detected.
FCR1H (0x08 0006)
FCR
Reset value: 0000h
15
14
13
12
11
10
98
765
43
210
Reserved
B0S
Reserved
-RS
-
Table 10.
Flash control register 1 high
Bit
Name
Function
8B0S
Bank 0 status (IFlash)
During any erase operation, this bit is automatically modified and gives the status
of the bank 0. The meaning of B0Fy bit for sector y of bank 0 is given in Table 11:
Banks (BxS) and sectors (BxFy) status bits meaning. This bit is automatically
reset at the end of an erase operation if no errors are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com