Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 30Page - STMicroelectronics ST10F272M_12 Datasheet HTML 31Page - STMicroelectronics ST10F272M_12 Datasheet HTML 32Page - STMicroelectronics ST10F272M_12 Datasheet HTML 33Page - STMicroelectronics ST10F272M_12 Datasheet HTML 34Page - STMicroelectronics ST10F272M_12 Datasheet HTML 35Page - STMicroelectronics ST10F272M_12 Datasheet HTML 36Page - STMicroelectronics ST10F272M_12 Datasheet HTML 37Page - STMicroelectronics ST10F272M_12 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 176 page
background image
Internal Flash memory
ST10F272M
34/176
Doc ID 12968 Rev 3
5.4.10
Flash address register high (FARH)
5.4.11
Flash error register (FER)
The Flash error register, as well as all the other Flash registers, can be read only once the
LOCK bit of register FCR0L is low. Nevertheless, the FER content is updated after
completion of the Flash operation, that is, when BSY0 is reset. Therefore, the FER content
can only be read once the LOCK and BSY0 bits are cleared.
FARH (0x08 0012)
FCR
Reset value: 0000h
15
14
13
12
11
10
98
765
43
210
Reserved
ADD20 ADD19 ADD18 ADD17 ADD16
-
RW
RWRW
RWRW
Table 17.
Flash address register high
Bit
Name
Function
4:0 ADD[20:16]
Address 20:16
These bits must be written with the address of the Flash location to program in the
following operations: Word program and double word program.
FER (0x8 0014h)
FCR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
WPF RESER SEQER Reserved 10ER PGER ERER ERR
-
RC
RC
RC
-
RC
RC
RC
RC
Table 18.
Flash error register
Bit
Name
Function
0ERR
Write error
This bit is automatically set when an error occurs during a Flash write operation or
when a bad write operation setup is done. Once the error has been discovered and
understood, ERR bit must be software reset.
1ERER
Erase error
This bit is automatically set when an erase error occurs during a Flash write
operation. This error is due to a real failure of a Flash cell, that can no more be
erased. This kind of error is fatal and the sector where it occurred must be
discarded. This bit has to be software reset.
2PGER
Program error
This bit is automatically set when a program error occurs during a Flash write
operation. This error is due to a real failure of a Flash cell, that can no more be
programmed. The word where this error occurred must be discarded. This bit has
to be software reset.
310ER
1 over 0 error
This bit is automatically set when trying to program at 1 bits previously set at 0 (this
does not happen when programming the protection bits). This error is not due to a
failure of the Flash cell, but only flags that the desired data has not been written.
This bit has to be software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com