Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 43Page - STMicroelectronics ST10F272M_12 Datasheet HTML 44Page - STMicroelectronics ST10F272M_12 Datasheet HTML 45Page - STMicroelectronics ST10F272M_12 Datasheet HTML 46Page - STMicroelectronics ST10F272M_12 Datasheet HTML 47Page - STMicroelectronics ST10F272M_12 Datasheet HTML 48Page - STMicroelectronics ST10F272M_12 Datasheet HTML 49Page - STMicroelectronics ST10F272M_12 Datasheet HTML 50Page - STMicroelectronics ST10F272M_12 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 176 page
background image
ST10F272M
Central processing unit (CPU)
Doc ID 12968 Rev 3
47/176
7.2
Instruction set summary
Table 27 lists the instructions of the ST10F272M. The detailed description of each
instruction can be found in the ST10 family programming manual.
Table 27.
Standard instruction set summary
Mnemonic
Description
Bytes
ADD(B)
Add word (byte) operands
2/4
ADDC(B)
Add word (byte) operands with carry
2/4
SUB(B)
Subtract word (byte) operands
2/4
SUBC(B)
Subtract word (byte) operands with carry
2/4
MUL(U)
(Un)signed multiply direct GPR by direct GPR (16-/16-bit)
2
DIV(U)
(Un)signed divide register MDL by direct GPR (16-/16-bit)
2
DIVL(U)
(Un)signed long divide reg. MD by direct GPR (32-/16-bit)
2
CPL(B)
Complement direct word (byte) GPR
2
NEG(B)
Negate direct word (byte) GPR
2
AND(B)
Bitwise AND, (word/byte operands)
2/4
OR(B)
Bitwise OR, (word/byte operands)
2/4
XOR(B)
Bitwise XOR, (word/byte operands)
2/4
BCLR
Clear direct bit
2
BSET
Set direct bit
2
BMOV(N)
Move (negated) direct bit to direct bit
4
BAND, BOR, BXOR
AND/OR/XOR direct bit with direct bit
4
BCMP
Compare direct bit to direct bit
4
BFLDH/L
Bitwise modify masked high/low byte of bit-addressable direct word
memory with immediate data
4
CMP(B)
Compare word (byte) operands
2/4
CMPD1/2
Compare word data to GPR and decrement GPR by 1/2
2/4
CMPI1/2
Compare word data to GPR and increment GPR by 1/2
2/4
PRIOR
Determine number of shift cycles to normalize direct word GPR and
store result in direct word GPR
2
SHL/SHR
Shift left/right direct word GPR
2
ROL/ROR
Rotate left/right direct word GPR
2
ASHR
Arithmetic (sign bit) shift right direct word GPR
2
MOV(B)
Move word (byte) data
2/4
MOVBS
Move byte operand to word operand with sign extension
2/4
MOVBZ
Move byte operand to word operand with zero extension
2/4
JMPA, JMPI, JMPR
Jump absolute/indirect/relative if condition is met
4
JMPS
Jump absolute to a code segment
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com