Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 25Page - STMicroelectronics ST10F272M_12 Datasheet HTML 26Page - STMicroelectronics ST10F272M_12 Datasheet HTML 27Page - STMicroelectronics ST10F272M_12 Datasheet HTML 28Page - STMicroelectronics ST10F272M_12 Datasheet HTML 29Page - STMicroelectronics ST10F272M_12 Datasheet HTML 30Page - STMicroelectronics ST10F272M_12 Datasheet HTML 31Page - STMicroelectronics ST10F272M_12 Datasheet HTML 32Page - STMicroelectronics ST10F272M_12 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 176 page
background image
ST10F272M
Internal Flash memory
Doc ID 12968 Rev 3
29/176
5.4.2
Flash control register 0 high (FCR0H)
The Flash control register 0 high (FCR0H) together with the Flash control register 0 low
(FCR0L) is used to enable and to monitor all the write operations on the IFlash. The user
has no access in write mode to the test-Flash (B0TF). Moreover, the test-Flash block is seen
by the user in bootstrap mode only.
Table 7.
Flash control register 0 low
Bit Name
Function
4LOCK
Flash registers access locked
When this bit is set, it means that the access to the Flash control registers FCR0H/-
FCR1H/L, FDR0H/L-FDR1H/L, FARH/L and FER is locked by the FPEC: any read
access to the registers will output invalid data (software trap 009Bh) and any write
access will be ineffective. LOCK bit is automatically set when the Flash bit WMS is set.
This is the only bit the user can always access to detect the status of the Flash: once it is
found low, the rest of FCR0L and all the other Flash registers are accessible by the user
as well.
Note that FER content can be read when LOCK is low, but its content is updated only
when the BSY0 bit is reset.
1
BSY0
Bank 0 busy (IFlash)
This bit indicates that a write operation is running on bank 0 (IFlash). It is automatically
set when bit WMS is set. Setting protection operation sets bit BSY0 (since protection
registers are in this block). When this bit is set, every read access to bank 0 will output
invalid data (software trap 009bh), while every write access to the bank will be ignored.
At the end of the write operation or during a program or erase suspend this bit is
automatically reset and the bank returns to read mode. After a program or erase
Resume this bit is automatically set again.
FCR0H (0x08 0002)
FCR
Reset value: 0000h
15
14
13
12
11
10
98
765
43
210
WMS SUSP WPG DWPGSER Reserved
SPR
Reserved
RW
RW
RW
RW
RW
-
RW
-
Table 8.
Flash control register 0 high
Bit Name
Function
15
WMS
Write mode start
This bit must be set to start every write operation in the Flash module. At the end of the
write operation or during a suspend, this bit is automatically reset. To resume a
suspended operation, this bit must be set again. It is forbidden to set this bit if bit ERR of
FER is high (the operation is not accepted). It is also forbidden to start a new write
(program or erase) operation (by setting WMS high) when bit SUSP of FCR0 is high.
Resetting this bit by software has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com