Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 7Page - STMicroelectronics ST10F272M_12 Datasheet HTML 8Page - STMicroelectronics ST10F272M_12 Datasheet HTML 9Page - STMicroelectronics ST10F272M_12 Datasheet HTML 10Page - STMicroelectronics ST10F272M_12 Datasheet HTML 11Page - STMicroelectronics ST10F272M_12 Datasheet HTML 12Page - STMicroelectronics ST10F272M_12 Datasheet HTML 13Page - STMicroelectronics ST10F272M_12 Datasheet HTML 14Page - STMicroelectronics ST10F272M_12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 176 page
background image
ST10F272M
Introduction
Doc ID 12968 Rev 3
11/176
1
Introduction
1.1
Description
The ST10F272M device is a new derivative of the STMicroelectronics ST10 family of 16-bit
single-chip CMOS microcontrollers.
The ST10F272M combines high CPU performance (up to 20 million instructions per second)
with high peripheral functionality and enhanced I/O capabilities. It also provides on-chip
high-speed single voltage Flash memory, on-chip high-speed RAM, and clock generation
via PLL.
The ST10F272M is processed in 0.18mm CMOS technology. The MCU core and the logic is
supplied with a 5 V to 1.8 V on-chip voltage regulator. The part is supplied with a single 5 V
supply and I/Os work at 5 V.
The ST10F272M is an optimized version of the ST10F272E, upward compatible with the
following set of differences:
●
Maximum CPU frequency is 40 MHz
●
Reduced range for the Standby Voltage: VStby must be in the range of 4.5 to 5.5 V.
●
Identification registers: the IDMEM register reflects the Flash type difference and can
be used to differentiate the two devices by software
●
Improved EMC behavior thanks to the introduction of an internal RC filter on the 5 V for
the ballast transistors
1.2
Special characteristics
1.2.1
1.2.1 X-peripheral clock gating
This new feature have been implemented on the ST10F272M: Once the EINIT instruction
has been executed, only the X-peripherals enabled in the XPERCON register will be
clocked.
The new feature allows to reduce the power consumption and also should improve the
emissions as it avoids to propagate useless clock signals across the device.
1.2.2
1.2.2 Improved supply ring
An RC filter has been introduced in the 5 V power supply ring of the ballast transistor. In
addition, the supply rings for the internal voltage regulators and the I/Os have been split.
These two modifications should improve the behavior of the device regarding conducted
emissions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com