Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272M Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 32Page - STMicroelectronics ST10F272M_12 Datasheet HTML 33Page - STMicroelectronics ST10F272M_12 Datasheet HTML 34Page - STMicroelectronics ST10F272M_12 Datasheet HTML 35Page - STMicroelectronics ST10F272M_12 Datasheet HTML 36Page - STMicroelectronics ST10F272M_12 Datasheet HTML 37Page - STMicroelectronics ST10F272M_12 Datasheet HTML 38Page - STMicroelectronics ST10F272M_12 Datasheet HTML 39Page - STMicroelectronics ST10F272M_12 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 176 page
background image
Internal Flash memory
ST10F272M
36/176
Doc ID 12968 Rev 3
5.5.2
Flash non-volatile write protection I register (FNVWPIR)
5.5.3
Flash non-volatile access protection register 0 (FNVAPR0)
5.5.4
Flash non-volatile access protection register 1 low (FNVAPR1L)
FNVWPIR (0x08 DFB0)
NVR
Reset value: FFFFh
15
14
13
12
11
10
98
765
43
210
Reserved
W0P7 W0P6W0P5W0P4W0P3W0P2 W0P1W0P0
-
RW
RWRWRW
RWRW
RWRW
Table 19.
Flash non-volatile write protection I register
Bit
Name
Function
7:0
W0P[7:0]
Write protection bank 0/sectors 7-0 (IFlash)
These bits, if programmed at 0, disable any write access to the sectors of bank 0
(IFlash)
FNVAPR0 (0x08 DFB8)
NVR
Delivery value: ACFFh
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DBGP ACCP
-RW
RW
Table 20.
Flash non-volatile access protection register 0
Bit
Name
Function
0
ACCP
Access protection
This bit, if programmed at 0, disables any access (read/write) to data mapped
inside IFlash module address space, unless the current instruction is fetched from
IFlash.
1DBGP
Debug protection
This bit, if erased at 1, can be used to by-pass all the protections using the debug
features through the test interface. If programmed at 0, on the contrary, all the
debug features, the test interface and all the Flash test modes are disabled. Even
STMicroelectronics will not be able to access the device to run any eventual failure
analysis.
FNVAPR1L (0x08 DFBC)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
98
765
43
210
PDS15 PDS14 PDS13 PDS12 PDS11 PDS10 PDS9 PDS8 PDS7 PDS6 PDS5 PDS4 PDS3 PDS2 PDS1 PDS0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com