Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 111 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 111 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 107Page - STMicroelectronics UPSD3312D Datasheet HTML 108Page - STMicroelectronics UPSD3312D Datasheet HTML 109Page - STMicroelectronics UPSD3312D Datasheet HTML 110Page - STMicroelectronics UPSD3312D Datasheet HTML 111Page - STMicroelectronics UPSD3312D Datasheet HTML 112Page - STMicroelectronics UPSD3312D Datasheet HTML 113Page - STMicroelectronics UPSD3312D Datasheet HTML 114Page - STMicroelectronics UPSD3312D Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Serial UART interfaces
Doc ID 9685 Rev 7
111/272
21.3.2
Using Timer/Counter 2 to generate baud rates
See Section 20.6.3: Baud rate generator mode on page 102.
Table 67.
Commonly used baud rates generated from Timer 1
UART
mode
fOSC (MHz)
Desired
baud rate
Resultant
baud rate
Baud rate
deviation
SMOD bit
in PCON
Timer 1
C/T Bit in
TMOD
Timer
mode in
TMOD
TH1
Reload
value
(hex)
Mode 0
Max
40.0
3.33 MHz
3.33MHz
0
X
X
X
X
Mode 2
Max
40.0
1250 kHz
1250 kHz
0
1
X
X
X
Mode 2
Max
40.0
625 kHz
625 kHz
0
0
X
X
X
Modes 1 or
3
40.0
19200 Hz
18939 Hz
-1.36%
1
0
2
F5
Modes 1 or
3
40.0
9600 Hz
9470 Hz
-1.36%
1
0
2
EA
Modes 1 or
3
36.0
19200 Hz
18570 Hz
-2.34%
1
0
2
F6
Modes 1 or
3
33.333
57600 Hz
57870 Hz
0.47%
1
0
2
FD
Modes 1 or
3
33.333
28800 Hz
28934 Hz
0.47%
1
0
2
FA
Modes 1 or
3
33.333
19200 Hz
19290 Hz
0.47%
1
0
2
F7
Modes 1 or
3
33.333
9600 Hz
9645 Hz
0.47%
1
0
2
EE
Modes 1 or
3
24.0
9600 Hz
9615 Hz
0.16%
1
0
2
F3
Modes 1 or
3
12.0
4800 Hz
4808 Hz
0.16%
1
0
2
F3
Modes 1 or
3
11.0592
57600 Hz
57600 Hz
0
1
0
2
FF
Modes 1 or
3
11.0592
28800 Hz
28800 Hz
0
1
0
2
FE
Modes 1 or
3
11.0592
19200 Hz
19200 Hz
0
1
0
2
FD
Modes 1 or
3
11.0592
9600 Hz
9600 Hz
0
1
0
2
FA
Modes 1 or
3
3.6864
19200 Hz
19200 Hz
0
1
0
2
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com