Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 130 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 130 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 126Page - STMicroelectronics UPSD3312D Datasheet HTML 127Page - STMicroelectronics UPSD3312D Datasheet HTML 128Page - STMicroelectronics UPSD3312D Datasheet HTML 129Page - STMicroelectronics UPSD3312D Datasheet HTML 130Page - STMicroelectronics UPSD3312D Datasheet HTML 131Page - STMicroelectronics UPSD3312D Datasheet HTML 132Page - STMicroelectronics UPSD3312D Datasheet HTML 133Page - STMicroelectronics UPSD3312D Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I2C interface
UPSD33xx
130/272
Doc ID 9685 Rev 7
Table 74.
S1STA: I2C Interface Status register (SFR DDh, reset value 00h)
Table 75.
S1STA register bit definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GC
STOP
INTR
TX_MODE
BBUSY
BLOST
ACK_RESP
SLV
Bit
Symbol
R/W
Function
7GC
R
General Call flag
GC = 1 if the General Call address of 00h was received when SIOE is in
Slave mode, and GC is cleared by a START or STOP condition on the
bus. If the SIOE is in Master mode when GC = 1, the Bus Lost condition
exists, and BLOST = 1.
6STOP
R
STOP flag
STOP = 1 while SIOE detects a STOP condition on the bus when in
Master or Slave mode.
5INTR
R,W
Interrupt flag
INTR is set to 1 by any of the five I2C interrupt conditions listed above.
INTR must be cleared by firmware.
4TX_MODE
R
Transmission Mode flag
TX_MODE = 1 whenever the SIOE is in Master-Transmitter or Slave-
Transmitter mode. TX_MODE = 0 when SIOE is in any receiver mode.
3BBUSY
R
Bus Busy flag
BBUSY = 1 when the I2C bus is in use. BBUSY is set by the SIOE when
a START condition exists on the bus and BBUSY is cleared by a STOP
condition.
2BLOST
R
Bus Lost flag
BLOST is set when the SIOE is in Master mode and it looses the
arbitration process to another Master device on the bus.
1
ACK_RESP
R
Not Acknowledge Response flag
While SIOE is in Transmitter mode:
– After SIOE sends a byte, ACK_RESP = 1 whenever the external I2C
device receives the byte, but that device does NOT assert an
accolade signal (external device asserted a high on SDA during the
acknowledge bit-time).
– After SIOE sends a byte, ACK_RESP = 0 whenever the external I2C
device receives the byte, and that device DOES assert an accolade
signal (external device drove a low on SDA during the acknowledge
bit-time)
Note: If SIOE is in Master-Transmitter mode, and ACK_RESP = 1 due to
a Slave-Transmitter not sending an Acknowledge, a STOP condition will
not automatically be generated by the SIOE. The STOP condition must
be generated with S1CON.STO = 1.
0SLV
R
Slave Mode flag
SLV = 1 when the SIOE is in Slave mode. SLV = 0 when the SIOE is in
Master mode (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com