Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 169 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 169 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 165Page - STMicroelectronics UPSD3312D Datasheet HTML 166Page - STMicroelectronics UPSD3312D Datasheet HTML 167Page - STMicroelectronics UPSD3312D Datasheet HTML 168Page - STMicroelectronics UPSD3312D Datasheet HTML 169Page - STMicroelectronics UPSD3312D Datasheet HTML 170Page - STMicroelectronics UPSD3312D Datasheet HTML 171Page - STMicroelectronics UPSD3312D Datasheet HTML 172Page - STMicroelectronics UPSD3312D Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
PSD module
Doc ID 9685 Rev 7
169/272
27.1.14
I/O ports
For 80-pin UPSD33xx devices, the PSD module has 22 individually configurable I/O pins
distributed over four ports (these I/O are in addition to I/O on MCU module). For 52-pin
UPSD33xx devices, the PSD module has 13 individually configurable I/O pins distributed
over three ports. See Figure 73 on page 219 for I/O port pin availability on these two
packages.
I/O port pins on the PSD module (Ports A, B, C, and D) are completely separate from the
port pins on the MCU module (Ports 1, 3, and 4). They even have different electrical
characteristics. I/O port pins on the PSD module are accessed by csiop registers, or they
are controlled by PLD equations. Conversely, I/O Port pins on the MCU module are
controlled by the 8032 SFR registers.
Table 113.
General I/O pins on PSD module
Note:
Four pins on Port C are dedicated to JTAG, leaving four pins for general I/O.
Each I/O pin on the PSD module can be individually configured for different functions on a
pin-by-pin basis (Figure 68 on page 208). Following are the available functions on PSD
module I/O pins.
●
MCU I/O: 8032 controls the output state of each port pin or it reads input state of each
port pin, by accessing csiop registers at run-time. The direction (in or out) of each pin is
also controlled by csiop registers at run-time.
●
PLD I/O: PSDsoft Express logic equations and pin configuration selections determine if
pins are connected to OMC outputs or IMC inputs. This is a static and non-volatile
configuration. Port pins connected to PLD outputs can no longer be driven by the 8032
using MCU I/O output mode.
●
Latched MCU Address Output: Port A or Port B can output de-multiplexed 8032
address signals A0 - A7 on a pin-by-pin basis as specified in csiop registers at run-
time. In addition, Port B can also be configured to output de-multiplexed A8-A15 in
PSDsoft Express.
●
Data Bus Repeater: Port A can bi-directionally buffer the 8032 data bus (de-
multiplexed) for a specified address range in PSDsoft Express. This is referred to as
Peripheral I/O mode in this document.
●
Open Drain Outputs: Some port pins can function as open-drain as specified in csiop
registers at run-time.
●
Pins on Port D can be used for external chip-select outputs originating from the
DPLD, without consuming OMC resources within the GPLD.
Pkg
Port A
Port B
Port D
Port D
Total
52-pin
0841
13
80-pin
8842
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com