Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 171 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 171 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 167Page - STMicroelectronics UPSD3312D Datasheet HTML 168Page - STMicroelectronics UPSD3312D Datasheet HTML 169Page - STMicroelectronics UPSD3312D Datasheet HTML 170Page - STMicroelectronics UPSD3312D Datasheet HTML 171Page - STMicroelectronics UPSD3312D Datasheet HTML 172Page - STMicroelectronics UPSD3312D Datasheet HTML 173Page - STMicroelectronics UPSD3312D Datasheet HTML 174Page - STMicroelectronics UPSD3312D Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
PSD module
Doc ID 9685 Rev 7
171/272
27.2
Memory mapping
There many different ways to place (or map) the address range of PSD module memory and
I/O depending on system requirements. The DPLD provides complete mapping flexibility.
Figure 52 shows one possible system memory map. In this example, 128 Kbytes of main
Flash memory for a UPSD3333 device is in 8032 program address space, and 32 Kbytes of
secondary Flash memory, the SRAM, and csiop registers are all in 8032 XDATA space.
In Figure 52, the nomenclature fs0..fs7 are designators for the individual sectors of main
Flash memory, 16 Kbytes each. CSBOOT0..CSBOOT3 are designators for the individual
secondary Flash memory segments, 8 Kbytes each. rs0 is the designator for SRAM, and
csiop designates the PSD module control register set.
The designer may easily specify memory mapping in a point-and-click software environment
using PSDsoft Express, creating a non-volatile configuration when the DPLD is
programmed using JTAG.
27.2.1
8032 program address space
In the example of Figure 52, six sectors of main Flash memory (fs2.. fs7) are paged across
three memory pages in the upper half of program address space, and the remaining two
sectors of main Flash memory (fs0, fs1) reside in the lower half of program address space,
and these two sectors are independent of paging (they reside in “common” program address
space). This paged memory example is quite common and supported by many 8051
software compilers.
27.2.2
8032 data address space (XDATA)
Four sectors of secondary Flash memory reside in the upper half of 8032 XDATA space in
the example of Figure 52. SRAM and csiop registers are in the lower half of XDATA space.
The 8032 SFR registers and local SRAM inside the 8032 MCU module do not reside in
XDATA space, so it is OK to place PSD module SRAM or csiop registers at an address that
overlaps the address of internal 8032 MCU module SRAM and registers.
Figure 52.
Typical system memory map
0000h
8000h
A000h
C000h
E000h
FFFFh
8032 XDATA
SPACE
(RD and WR)
8032 PROGRAM SPACE
(PSEN)
csboot0
8KB
csboot1
8KB
csboot2
8KB
csboot3
8KB
Page X
fs0, 16KB
Common Memory to All Pages
fs7
16KB
fs5
16KB
fs3
16KB
rs0, 8KB
Page 0
Page 2
Page 1
2000h
0000h
8000h
FFFFh
System
I/O
fs6
16KB
fs4
16KB
fs2
16KB
fs1, 16KB
Common Memory to All Pages
C000h
4000h
csiop
256B
AI09173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com