Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 174 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 174 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 170Page - STMicroelectronics UPSD3312D Datasheet HTML 171Page - STMicroelectronics UPSD3312D Datasheet HTML 172Page - STMicroelectronics UPSD3312D Datasheet HTML 173Page - STMicroelectronics UPSD3312D Datasheet HTML 174Page - STMicroelectronics UPSD3312D Datasheet HTML 175Page - STMicroelectronics UPSD3312D Datasheet HTML 176Page - STMicroelectronics UPSD3312D Datasheet HTML 177Page - STMicroelectronics UPSD3312D Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
174/272
Doc ID 9685 Rev 7
27.2.5
Alternative mapping schemes
Here are more possible memory maps for the UPSD3333.
Note:
Mapping examples would be slightly different for UPSD3312, UPSD3334, and UPSD3354
because of the different sizes of individual Flash memory sectors and SRAM as defined in
Table 119 on page 193.
●
Figure 54 on page 174 Place the larger main Flash memory into program space, but
split the secondary Flash in half, placing two of it’s sectors into XDATA space and
remaining two sectors into program space. This method allows the designer to put IAP
code (or boot code) into two sectors of secondary Flash in program space, and use the
other two secondary Flash sectors for data storage, such as EEPROM emulation in
XDATA space.
●
Figure 55 on page 175 Place both the Main and secondary Flash memories into
program space for maximum code storage, with no Flash memory in XDATA space.
Figure 54.
Mapping: split second Flash in half
0000h
8000h
4000h
6000h
FFFFh
8032 XDATA SPACE
(RD and WR)
8032 PROGRAM
SPACE (PSEN)
csboot1, 8KB
Common Memory to All Pages
csboot0, 8KB
Common Memory to All Pages
csboot2
8KB
csboot3
8KB
Page X
rs0, 8KB
csiop, 256B
fs7
16KB
fs3
16KB
fs1
16KB
Page
0
Page
1
Page
2
Page
3
2000h
0000h
8000h
FFFFh
Nothing Mapped
fs6
16KB
fs5
16KB
fs4
16KB
fs2
16KB
fs0
16KB
System I/O
System I/O
C000h
2100h
4000h
2000h
AI09174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com