Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 188 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 188 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 184Page - STMicroelectronics UPSD3312D Datasheet HTML 185Page - STMicroelectronics UPSD3312D Datasheet HTML 186Page - STMicroelectronics UPSD3312D Datasheet HTML 187Page - STMicroelectronics UPSD3312D Datasheet HTML 188Page - STMicroelectronics UPSD3312D Datasheet HTML 189Page - STMicroelectronics UPSD3312D Datasheet HTML 190Page - STMicroelectronics UPSD3312D Datasheet HTML 191Page - STMicroelectronics UPSD3312D Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
188/272
Doc ID 9685 Rev 7
When using the Data Polling method during an erase operation, Figure 60 on page 188 still
applies. However, the Data Polling Flag Bit (DQ7) is '0' until the erase operation is complete.
A ’1’ on the Error Flag Bit (DQ5) indicates a timeout condition on the Erase cycle, a ’0’
indicates no error. The 8032 can read any location within the sector being erased to get the
Data Polling Flag Bit (DQ7) and the Error Flag Bit (DQ5).
PSDsoft Express generates ANSI C code functions for implementation of these Data Polling
algorithms.
Figure 60.
Data Polling flowchart
27.4.11
Data toggle
Checking the Toggle Flag Bit (DQ6) is another method of determining whether a program or
erase operation is in progress or has completed. Figure 61 on page 189 shows the Data
Toggle algorithm.
When the 8032 issues a program instruction sequence, the embedded algorithm within the
Flash memory array begins. The 8032 then reads the location of the byte to be programmed
in Flash memory to check status. The Toggle Flag Bit (DQ6) of this location toggles each
time the 8032 reads this location until the embedded algorithm is complete. The 8032
continues to read this location, checking the Toggle Flag Bit (DQ6) and monitoring the Error
Flag Bit (DQ5). When the Toggle Flag Bit (DQ6) stops toggling (two consecutive reads yield
the same value), then the embedded algorithm is complete. If the Error Flag Bit (DQ5) is '1,'
the 8032 should test the Toggle Flag Bit (DQ6) again, since the Toggle Flag Bit (DQ6) may
have changed simultaneously with the Error Flag Bit (DQ5) (see Figure 61 on page 189).
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369B
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com