Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 184 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 184 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 180Page - STMicroelectronics UPSD3312D Datasheet HTML 181Page - STMicroelectronics UPSD3312D Datasheet HTML 182Page - STMicroelectronics UPSD3312D Datasheet HTML 183Page - STMicroelectronics UPSD3312D Datasheet HTML 184Page - STMicroelectronics UPSD3312D Datasheet HTML 185Page - STMicroelectronics UPSD3312D Datasheet HTML 186Page - STMicroelectronics UPSD3312D Datasheet HTML 187Page - STMicroelectronics UPSD3312D Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
184/272
Doc ID 9685 Rev 7
Table 117.
Flash memory instruction sequences(1)(2)(3)
Instr.
sequence
Bus
cycle 1
Bus
cycle 2
Bus
cycle 3
Bus
cycle 4
Bus
cycle 5
Bus
cycle 6
Bus
cycle 7
Link
Read
Memory
Contents
(Read Array
mode)
Read byte
from any
valid Flash
memory
addr
Section 2
7.4.4
Program
(write) a
Byte to
Flash
memory
Write AAh
to X555h
(unlock)
Write 55h
to XAAAh
(unlock)
Write A0h
to X555h
(command)
Write data
byte to
address
Section 2
7.4.9
Bypass
Unlock
Write AAh
to X555h
(unlock)
Write 55h
to XAAAh
(unlock)
Write 20h
to X555h
(command)
Section 2
7.4.13
Program a
Byte to
Flash
memory with
Bypassed
Unlock
Write A0h
to XXXXh
(command)
Write data
byte to
address
Section 2
7.4.13
Reset
Bypass
Unlock
Write 90h
to XXXXh
(command)
Write 00h
to XXXXh
(command)
Section 2
7.4.13
Flash Bulk
Erase(3)
Write AAh
to X555h
(unlock)
Write 55h
to XAAAh
(unlock)
Write 80h
to X555h
(command)
Write AAh
to X555h
(unlock)
Write 55h
to XAAAh
(unlock)
Write 10h
to X555h
(command)
Section 2
7.4.15
Flash Sector
Erase
Write AAh
to X555h
(unlock)
Write 55h
to XAAAh
(unlock)
Write 80h
to X555h
(command)
Write AAh
to X555h
(unlock)
Write 55h
to XAAAh
(unlock)
Write 30h
to desired
Sector
(command)
Write 30h
to another
Sector
(command)
Section 2
7.4.16
Suspend
Sector
Erase
Write B0h
to address
that
activates
FSx or
CSBOOTx
where
erase is in
progress
(command)
Section 2
7.4.17
1.
All values are in hexadecimal, X = Don’t care
2.
8032 addresses A12 through A15 are “Don’t care” during the instruction sequence decoding. Only address bits A0-A11 are
used during decoding of Flash memory instruction sequences. The individual sector select signal (FS0 - FS7 or CSBOOT0-
CSBOOT3) which is active during the instruction sequence determines the complete address.
3.
Directing this command to any individual sector within a Flash memory array will invoke the bulk erase of all Flash memory
sectors within that array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com