Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 181 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 181 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 177Page - STMicroelectronics UPSD3312D Datasheet HTML 178Page - STMicroelectronics UPSD3312D Datasheet HTML 179Page - STMicroelectronics UPSD3312D Datasheet HTML 180Page - STMicroelectronics UPSD3312D Datasheet HTML 181Page - STMicroelectronics UPSD3312D Datasheet HTML 182Page - STMicroelectronics UPSD3312D Datasheet HTML 183Page - STMicroelectronics UPSD3312D Datasheet HTML 184Page - STMicroelectronics UPSD3312D Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
PSD module
Doc ID 9685 Rev 7
181/272
Drive Select
08h
09h
16h
17h
Write to configure port pins as either
CMOS push-pull or Open Drain on
some pins, while selecting high slew
rate on other pins. Read to check
status. Default output type is CMOS
push-pull.
Table 146
on
page 217
Input
Macrocells
0Ah
0Bh
18h
Read to obtain logic state of IMCs. No
WRITEs.
Table 127
on
page 206
Enable Out
OCh
0Dh
1Ah
1Bh
Read state of output enable logic on
each I/O port driver. 1 = driver output is
enabled, 0 = driver is off, and it is in
high impedance state. No WRITEs.
Table 150
on
page 217
Output
Macrocells
AB
(MCELLAB)
20h
Read logic state of MCELLAB outputs
(bank of eight OMCs).
Write to load MCELLAB flip-flops.
Table 123
on
page 204
Output
Macrocells
BC
(MCELLBC)
21h
Read logic state of MCELLBC outputs
(bank of eight OMCs).
Write to load MCELLBC flip-flops.
Table 124
on
page 204
Mask
Macrocells
AB
22h
Write to set mask for MCELLAB. Logic
'1' blocks READs/WRITEs of OMC.
Logic '0' will pass OMC value. Read to
check status.
Table 125
on
page 204
Mask
Macrocells
BC
23h
Write to set mask for MCELLBC. Logic
'1' blocks READs/WRITEs of OMC.
Logic '0' will pass OMC value. Read to
check status.
Table 126
on
page 204
Main Flash
Sector
Protection
C0h
Read to determine Main Flash Sector
Protection Setting (non-volatile) that
was specified in PSDsoft Express. No
WRITEs.
Table 119
on
page 193
Security Bit
and
Secondary
Flash Sector
Protection
C2h
Read to determine if PSD module
device Security Bit is active (non-
volatile) Logic 1 = device secured. Also
read to determine Secondary Flash
Protection Setting (non-volatile) that
was specified in PSDsoft. No WRITEs.
Table 120
on
page 193
PMMR0
B0h
Power Management register 0. WRITE
and READ.
Table 154
on
page 225
PMMR2
B4h
Power Management register 2. WRITE
and READ.
Table 155
on
page 226
Table 116.
CSIOP registers and their Offsets (in hexadecimal (continued)
Register
name
Port A
(80-
pin)
Port B
Port C
Port D
Other
Description
Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com