Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 5 Page - Diodes Incorporated

  PI7C9X760ACLEX Datasheet HTML 1Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 2Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 3Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 4Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 5Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 6Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 7Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Pin Description
Pin
Name
16-TSSOP
Pin#
24-TSSOP
Pin#
24-TQFN
Pin#
Type Description
I2C (SPI) INTERFACE
CTS
11
1
22
I
UART clear to send (active LOW). A logic 0 (LOW) on the CTS
pin indicates the modern or data set is ready to accept trans-
mit data from the PI7C9X760. Status can be tested by reading
MSR[4]. This pin only affects the transmit and receive operations
when auto CTS function is enabled via the Enhanced Feature
Register EFR[7] for hardware flow control operation.
TX
12
2
23
O
UART transmitter output. During the local Loopback mode, the
TX output pin is disabled and TX data is internally connected to
the UART RX input.
RX
13
3
24
I
UART receiver input. During the local Loopback mode, the RX
input pin is disabled and TX data is connected to the UART RX
input internally.
RESET
14
4
1
I
Device hardware reset (active LOW).
XTAL1
15
5
2
I
Crystal input or external clock input. Functions as a crystal
input or as an external clock input. A crystal can be connected
between XTAL1 and XTAL2 to form an internal oscillator
circuit (see Figure 16). Alternatively, an external clock can be
connected to this pin.
XTAL2
16
6
3
O
Crystal output or clock output. (See also XTAL1.) XTAL2 is used
as a crystal oscillator output.
VDD
1
7
4
Power supply.
I2C/SPI
8
8
5
I
I2C-bus or SPI interface select. I2C-bus interface is selected if
this pin is HIGH. SPI interface is selected if this pin is LOW.
CS/A0
2
9
6
I
SPI chip select or I2C-bus device address select A0. If SPI con-
figuration is selected by I2C/SPI pin, this pin is the SPI chip se-
lect pin (Schmitt-trigger, active LOW).If I2C-bus configuration
is selected by I2C/SPI pin, this pin along with the A1 pin allows
user to change the device's base address.
SI/A1
3
10
7
I
SPI chip select or I2C-bus device address select A1. If SPI con-
figuration is selected by I2C/SPI pin, this is the SPI data input
pin. If I2C-bus configuration is selected by I2C/SPI pin, this pin
along with the A0 pin allows user to change the device's base ad-
dress. To select the device address, please refer to Table 9.
SO
4
11
8
O
SPI data output pin. If SPI configuration is selected by I2C/SPI
pin, this is a tri-state output pin. If I2C-bus configuration is
selected by I2C/SPI pin, this pin function is undefined and must
be left as N.C. (not connected).
SCL/SCLK 5
12
9
I
I2C-bus or SPI input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com