Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 2Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 3Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 4Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 5Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 6Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 7Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 9Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Pin
Name
16-TSSOP
Pin#
24-TSSOP
Pin#
24-TQFN
Pin#
Type Description
SDA
6
13
10
I/O
I2C-bus data input/output, open-drain if I2C-bus configuration
is selected by I2C/SPI pin. If SPI configuration is selected, then
this pin is undefined and must be connected to VSS.
IRQ
7
14
11
O
Interrupt (open-drain, active LOW). Interrupt is enabled
when interrupt sources are enables in the Interrupt Enable
Register(IER). Interrupt conditions include: change of state of
the input pins, receiver errors, available receiver buffer data,
available transmit buffer space, or when a modem status flag is
detected. An external resistor (1 ohm for 3.3V, 1.5 ohm for 2.5V)
must be connected between this pin and VDD.
GPIO0
15
12
I/O
Programmable I/O pin.
GPIO1
16
13
I/O
Programmable I/O pin.
GPIO2
17
14
I/O
Programmable I/O pin.
GPIO3
18
15
I/O
Programmable I/O pin.
GPIO4/DSR
20
17
I/O
Programmable I/O pin or modem's DSR pin.
GPIO5/DTR
21
18
I/O
Programmable I/O pin or modem's DSR pin.
GPIO6/CD
22
19
I/O
Programmable I/O pin or modem's DSR pin.
GPIO7/RI
23
20
I/O
Programmable I/O pin or modem's DSR pin.
RTS
10
24
21
O
UART request to send (active LOW). A logic 0 on the RTS pin
indicates the transmitter has data ready and waiting to send.
Writing a logic 1 in the modem control register MCR[1] will set
this pin to a logic 0, indicating data is available. After a reset this
pin set to a logic 1. This pin only affects the transmit and receive
operations when auto RTS function is enabled via the Enhanced
Feature Register (EFR[6]) for hardware flow control operation.
VSS
9
19
164
Ground.
VSS
Center Pad
The center pad on the back side of the QFN24 package is metal-
lic and should be connected to ground on the printed-circuit
board.
Pin Description Cont...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com