Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 31 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 31 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 27Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 28Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 29Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 30Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 31Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 32Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 33Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 34Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 35Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
31
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
6
RO
RI input status
Normally this bit is the complement of the RI# input.
In the loopback mode this bit is equivalent to MCR[2].
5
RO
DSR input status
Normally this bit is the complement of the DSR# input.
In the loopback mode this bit is equivalent to MCR[0].
4
RO
CTS input status
Normally this bit is the complement of the CTS# input.
In the loopback mode this bit is equivalent to MCR[1].
3
RO
Delta CD# input flag
0 = No change on CD# input
1 = The CD# input has changed state. A modem status interrupt will be generated if MSR interrupt is
enabled.
2
RO
Delta RI# input flag
0 = No change on RI# input
1 = The RI# input has changed from a LOW to HIGH. A modem status interrupt will be generated if
MSR interrupt is enabled.
1
RO
Delta DSR# input flag
0 = No change on DSR# input
1 = The DSR# input has changed state. A modem status interrupt will be generated if MSR interrupt is
enabled.
0
RO
Delta CTS# input flag
0 = No change on CTS# input
1 = The CTS# input has changed state. A modem status interrupt will be generated if MSR interrupt is
enabled.
Offset 06H: Transmission Control Register (TCR). Accessible when EFR[4]=1 and MCR[2]=1 and SFR[2]=0. De-
fault=00
Bit
Type
Description
[7:4]
RW
RX FIFO Resume level.
When the RX FIFO is less than or equal to the value (decimal value of TCR[7:4] multiplied by 4), the
RTS# output will be re-asserted if Auto RTS flow is used or XON character will be transmitted if Auto
XON/XOFF flow control is used. It is recommended that this value is less than the RX Trigger Level.
[3:0]
RW
RX FIFO Halt level.
When the RX FIFO is greater than or equal to the value (decimal value of TCR[3:0] multiplied by 4),
the RTS# output will be de-asserted if Auto RTS flow is used or XOFF character will be transmitted if
Auto XON/XOFF flow control is used. It is recommended that this value is greater than the RX Trig-
ger Level.
Offset 06H: XOFF1 character Register (XOFF1). Accessible when LCR=0xBF and SFR[2]=0. Default=00
Bit
Type
Description
[7:0]
RW
XOFF1 character
Note: It is reset only when Power-On-Reset.
Configuration Registers cont..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com