Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 29 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 25Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 26Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 27Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 28Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 29Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 30Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 31Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 32Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
6
RW
Break control bit.
0 = no TX break condition
1 = forces TX to logic 0 to alert a line break condition
5
RW
Set forced parity format(if LCR[3]=1)
0 = parity is not forced.
1 = parity bit is forced to high if LCR[4]=0,or low if LCR[4]=1.
4
RW
Parity type select.
0 = odd parity is generated(if LCR[3]=1)
1 = even parity is generated(if LCR[3]=1)
3
RW
Parity enable when set
2
RW
Number of Stop bits
0 = 1 stop bit.
1 = 1.5 stop bits for word length=5, or 2 stop bits for word length=6,7,8
1:0
RW
Word length bits:
00 = 5 bits. 01 = 6 bits
10 = 7 bits. 11 = 8 bits
Offset 04H: Modem Control Register (MCR). Accessible when LCR[7]=0. Default=00
Bit
Type
Description
7
RW
Clock pre-scaler select.
0 = divide-by-1 clock input
1 = divide-by-4 clock input
6
RW
IrDA mode enable when set.
5
RW
When set, Xon Any function is enabled and receiving any character will resume transmit operation.
The RX character will be loaded into the RX FIFO, unless the RX character is an Xon/Xoff character
and receiver software flow control is enabled.
4
RW
When set, internal loopback mode is enabled and TX output is looped back to the RX input internally,
and MCR[1:0] signals are looped back into MSR[4:5]
3
RW
OP2. It is not available as an output pin but can be controlled in Internal Loopback Mode(MCR[4]=1)
and is outputed to DCD internally.
2
RW
OP1/TCR and TLR enable. In Internal Loopback Mode(MCR[4]=1), it is outputed to RI internally.
Otherwise it is used to select between the MSR and TCR registers at offset 0x6 and the SPR and TLR
registers at offset 0x7.
1
RW
RTS pin control.
0 = force RTS pin High
1 = force RTS pin Low
When IN internal loopback mode, it controls MSR[4].
If Auto-RTS is enabled, the RTS pin is controlled by hardware flow control .
0
RW
DTR pin control if GPIO5 or GPIO1 is selected as DTR modem pin through IO Control register bit 1
or bit 2:
0 = force DTR pin High
1 = force DTR pin Low
When internal loopback mode, it controls MSR[5].
Configuration Registers cont..
Note: MCR[7:5],MCR[3:2] can only be modified if EFR[4]=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com