Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 13Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 14Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 15Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 16Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 17Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 18Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 19Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 20Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
17
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Table 6. Baud rates using a 3.072 MHz crystal
Desired baud rate (bit/s)
Divisor used to generate
16x clock
Sample rate
Percent error difference
between desired and actual
50
2304
16
0
75
2560
16
0
110
1745
16
0.026
134.5
1428
16
0.034
150
1280
16
0
300
640
16
0
600
320
16
0
1200
160
16
0
1800
90
19
0.195
2000
96
16
0
2400
80
16
0
3600
45
19
0.195
4800
40
16
0
7200
25
17
0.392
9600
20
16
0
19200
10
16
0
38400
5
16
0
XTAL1
XTAL2
X1
1.8432 MHz
C1
22 pF
C2
33 pF
Figure 8. Crystal oscillator circuit reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com