Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 34 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 34 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 30Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 31Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 32Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 33Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 34Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 35Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 36Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 37Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 38Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
34
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
2
RW
Transmitter Disable
0 = transmitter is enabled
1 = transmitter is disabled,UART does not send serial data out on the TX output pin after current data
in the TSR is send.
1
RW
Receiver Disable
0 = Receiver is enabled
1 = Receiver is disabled
0
RW
9-bit or Multidrop Mode Enable
0 = Normal 8-bit mode
1 = Enable 9-bit mode (addition bit defines data or address byte)
Offset 0DH: Special Features Enable Control Register (SFREN). Accessible when LCR==8'hBF. Default=00
Bit
Type
Description
[7:0]
RW
Set 8'h5A to enable SFR register access
Offset 02H: Advance Status Register (ASR). Accessible when LCR=0xBF and SFR[2]=1. Default=00
Bit
Type
Description
[7:6]
RO
Reserved
[5:4]
RO
Xon/Xoff flow state
00 = idle state
01 = Xoff received
10 = TX off
11 = Xon received
[3:2]
RO
Reserved
1
RO
Remote TX disabled
1 = TX has sent XOFF message or RTS message
0
RO
Transmitter terminate condition
1 = This TX has disabled by remote terminate.
Offset 04H: Clock Prescale Register (CPR). Accessible when LCR=0xBF and SFR[2]=1. Default=10
Bit
Type
Description
[7:4]
RW
CPRM - M number in calculating the prescaler,which is used to generate Baud Rate,it is recommend-
ed to be set to "01h" or "02h"
[3:0]
RW
CPRN - N number in calculating the prescaler,which is used to generate Baud Rate.
Offset 05H: Received FIFO Data counter Register (RFD). Accessible when LCR=0xBF and SFR[2]=1, SFR[6]=0.
Default=00
Bit
Type
Description
[7:0]
RO
Indicated the amount of data in RX FIFO
Offset 05H: Received Line Error Status counter Register (RLS). Accessible when LCR=0xBF and SFR[2]=1,
SFR[6]=1. Default=00
Bit
Type
Description
[7:0]
RO
Indicated the amount of data byte with error in RX FIFO
Configuration Registers cont..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com