Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 26 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 22Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 23Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 24Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 25Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 26Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 27Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 28Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 29Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 30Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
26
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Configuration Registers
Offset 00H: Receiver Holding Register (RHR). Accessible when LCR[7]=0. Default=00
Bit
Type
Description
[7:0]
RO
Rx Holding - When data are read from the RHR,they are removed from the top of the receiver's FIFO.
Data read from the RHR when FIFO is empty are invalid. The Line Status Register(LSR) indicates the
full or empty status of the FIFOs.
Offset 00H: Transmitter Holding Register (THR). Accessible when LCR[7]=0. Default=00
Bit
Type
Description
[7:0]
WO
Tx Holding - When data are written to the THR,they are written to the bottom of the transmitter's
FIFO. Data written to the THR when FIFO is full are lost. The Line Status Register(LSR) indicates the
full or empty status of the FIFOs.
Offset 00H: Divisor Latch LSB(DLL). Accessible when LCR[7]=1 and LCR!=0xBF. Default=01
Bit
Type
Description
[7:0]
WO
LSB bits of divisor for baud rate generator.
Note: It is reset only when Power-On-Reset.
Offset 01H: Interrupt Enable Register (IER). Accessible when LCR[7]=0. Default=00
Bit
Type
Description
7
RW
CTS interrupt - "1": Enable CTS/DSR interrupt
6
RW
RTS interrupt - "1": Enable RTS/DTR interrupt
5
RW
Xoff/Special character interrupt - "1": Enable the Software Flow Control interrupt
4
RW
Sleep mode - "1" : Enable sleep mode (It requires EFR[4] = 1). The UART may enter sleep mode when
all conditions met:
- no interrupts pending
- modem inputs are not toggled
- RX input pin is idling HIGH
- TX/RX FIFO are empty
It will exit from sleep mode when any below condition met:
- modem inputs are toggling
- RX input pin changed to LOW
-a data byte is loaded to the TX FIFO
In sleep mode, Crystal is stopped and no UART clock
3
RW
Modem Status interrupt - "1": Enable Modem Status interrupt
2
RW
Receiver Line Status interrupt - "1": Enable Receiver Line Status interrupt
1
RW
Tx Ready interrupt - "1": Enable THR Ready interrupt
1 = Interrupt is issued whenever the THR becomes empty in non-FIFO mode or when spaces in the
FIFO is above the trigger level in the FIFO mode.
0
RW
Rx Data Ready interrupt - "1": enable Data Ready interrupt
Note: IER[7:4] can only be modified if EFR[4]=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com