Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 5Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 6Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 7Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 9Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 10Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 11Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 12Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
3 Software flow control
Software flow control is enabled through the Enhanced Features Register and the Modem Control Register. Different combinations
of software flow control can be enabled by setting different combinations of EFR[3:0]. Table 1 shows software flow control options.
Table 1. Software flow control options (EFR[3:0])
EFR[3]
EFR[2]
EFR[1]
EFR[0]
TX, RX software flow control
0
0
x
x
No transmit flow control
1
0
x
x
Transmit Xon1, Xoff1
0
1
x
x
Transmit Xon2, Xoff2
1
1
x
x
Transmit Xon1 and Xon2, Xoff1 and Xoff2
x
x
0
0
No receive flow control
x
x
1
0
Receiver compares Xon1, Xoff1
x
x
0
1
Receiver compares Xon2, Xoff2
1
0
1
1
Transmit Xon1, Xoff1
receiver compares Xon1 or Xon2, Xoff1 or Xoff2
0
1
1
1
Transmit Xon2, Xoff2
receiver compares Xon1 or Xon2, Xoff1 or Xoff2
1
1
1
1
Transmit Xon1 and Xon2, Xoff1 and Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0
0
1
1
No transmit flow control
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
There are two other enhanced features relating to software flow control:
• Xon Any function (MCR[5]): Receiving any character will resume operation after recognizing the Xoff character. It is possible that
an Xon1 character is recognized as an Xon Any character, which could cause an Xon2 character to be written to the RX FIFO.
• Special character (EFR[5]): Incoming data is compared to Xoff2. Detection of the special character sets the Xoff interrupt (IIR[4]) but
does not halt transmission. The Xoff interrupt is cleared by a read of the Interrupt Identification Register (IIR). The special character
is transferred to the RX FIFO.
3.1 Receive flow control
When software flow control operation is enabled, UART will compare incoming data with Xoff1/Xoff2 programmed characters (in
certain cases, Xoff1 and Xoff2 must be received sequentially). When the correct Xoff characters are received, transmission is halted af-
ter completing transmission of the current character. Xoff detection also sets IIR[4] (if enabled via IER[5]) and causes IRQ to go LOW.
To resume transmission, an Xon1/Xon2 character must be received (in certain cases Xon1 and Xon2 must be received sequentially).
When the correct Xon characters are received, IIR[4] is cleared, and the Xoff interrupt disappears.
I2C-bus Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com