Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 9Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 10Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 11Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 12Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 13Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 14Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 15Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
12
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
5 Interrupts
The UART has interrupt generation and prioritization (seven prioritized levels of interrupts) capability. The interrupt enable registers
(IER and IOIntEna) enable each of the seven types of interrupts and the IRQ signal in response to an interrupt generation. When an
interrupt is generated, the IIR indicates that an interrupt is pending and provides the type of interrupt through IIR[5:0]. Table 4 sum-
marizes the interrupt control functions.
Table 4. Interrupt Source and Priority Level
IIR[5:0]
Priority level
Interrupt type
Interrupt source
00 0001
None
None
None
00 0110
1
Receiver line status
Overrun Error (OE), Framing Error (FE), Parity Error (PE), or
Break Interrupt (BI) errors occur in characters in the RX FIFO
00 1100
2
RX time-out
Stale data in RX FIFO
00 0100
2
RHR interrupt
Receive data ready (FIFO disable) or RX FIFO above trigger
level (FIFO enable)
00 0010
3
THR interrupt
Transmit FIFO empty (FIFO disable) or TX FIFO passes above
trigger level (FIFO enable)
00 0000
4
Modem status
Change of state of modem input pins
11 0000
5
I/O pins
Input pins change of state
01 0000
6
Xoff interrupt
Receive Xoff character(s)/special character
10 0000
7
CTS, RTS
RTS pin or CTS pin change state from active (LOW) to inactive
(HIGH)
It is important to note that for the framing error, parity error, and break conditions, Line Status Register bit 7 (LSR[7]) generates the
interrupt. LSR[7] is set when there is an error anywhere in the RX FIFO, and is cleared only when there are no more errors remaining
in the FIFO. LSR[4:2] always represent the error status for the received character at the top of the RX FIFO. Reading the RX FIFO
updates LSR[4:2] to the appropriate status for the new character at the top of the FIFO. If the RX FIFO is empty, then LSR[4:2] are all
zeros.
For the Xoff interrupt, if an Xoff flow character detection caused the interrupt, the interrupt is cleared by an Xon flow character detec-
tion. If a special character detection caused the interrupt, the interrupt is cleared by a read of the IIR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com