Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760ACLEX Datasheet(PDF) 23 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 19Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 20Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 21Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 22Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 23Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 24Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 25Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 26Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
23
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
11. SPI Bus Interface
The SPI interface consists of four lines: serial clock (SCL), chip select (CS#), slave output (SO) and slave input (SI). The serial clock,
slave output and slave input can be as fast as 33 MHz at 3.3V. To access the device in the SPI mode, the CS# signal for the UART is
asserted by the SPI master, then the SPI master starts toggling the SCL signal with the appropriate transaction information. The first
bit sent by the SPI master includes whether it is a read or write transaction and the UART register being accessed. See Table 11 below.
Table 11: SPI First Byte Format
Bit
Function
7
Read/Write#
Logic 1 = Read
Logic 0 = Write
6:3
UART Internal Register Address A3:A0
2:1
UART Channel Select
’00’ = UART Channel A
Other values are reserved
0
Reserved
SCLK
SI
R/W
A3
A2
A1
A0
0
CH
X
D7
D6
D5
D4
D3
D2
D1
D0
Figure 13. SPI write
SCLK
SI
R/W
A3
A2
A1
A0
0
CH
X
D7
D6
D5
D4
D3
D2
D1
D0
SO
Figure 14. SPI read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com